Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA7705H Datasheet (PDF) - NXP Semiconductors

SAA7705H Datasheet PDF - NXP Semiconductors
Part # SAA7705H
Download  SAA7705H Download
File Size   1857.97 Kbytes
Page   60 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Car radio Digital Signal Processor DSP

SAA7705H Datasheet (PDF)

Go To PDF Page Download Datasheet
SAA7705H Datasheet PDF - NXP Semiconductors

Part # SAA7705H
Download  SAA7705H Click to download

File Size   1857.97 Kbytes
Page   60 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Car radio Digital Signal Processor DSP

SAA7705H Datasheet (HTML) - NXP Semiconductors


SAA7705H Product details

GENERAL DESCRIPTION
The SAA7705H performs all the signal functions in front of the power amplifiers and behind the AM and FM multiplex demodulation of a car radio or the tape input. These functions are:
• Interference absorption
• Stereo decoding
• RDS decoding
• FM and AM weak signal processing (soft mute, sliding stereo, etc.)
• Dolby-B tape noise reduction
• Audio controls (volume, balance, fader and tone).

FEATURES
Hardware
• Three 3rd-order Switched Capacitor Analog-to-Digital converters (SCADs)
• Digital-to-Analog Converters (DACs) with four times oversampling and noise shaping
• Digital stereo decoder for the FM multiplex signal
• Improved digital Interference Absorption Circuit (IAC) for FM
• Radio Data System (RDS) processing with an optional 16-bit buffer via a separate channel (two tuners possible)
• Auxiliary high Common-Mode Rejection Ratio (CMRR) analog CD input (CD-walkman, speech, economic CD-changer, etc.)
• I2C-bus controlled
• Four channel 5-band I2C-bus controlled parametric equalizer
• Two separate full I2S-bus and LSB-justified formats high performance input interfaces
• Audio output short-circuit protected
• Separate AM left and right inputs
• Phase-Locked Loop (PLL) to generate the high frequency DSP clock from a common fundamental oscillator crystal
• Analog single-ended tape inputs
• I2S-bus subwoofer output (mono or stereo)
• Expandable with additional DSPs for sophisticated features through an I2S-bus gateway
• Operating ambient temperature from −40 to +85 °C.

Software
• Improved FM weak signal processing
• Integrated 19 kHz MPX filter and de-emphasis
• Electronic adjustments: FM/AM level, FM channel separation and Dolby level
• Baseband audio processing (treble, bass, balance, fader and volume)
• Dynamic loudness or bass boost
• Audio level meter
• Tape equalisation (tape analog playback)
• Music Search System (MSS) detection for tape
• Dolby-B tape noise reduction
• Adjustable dynamics compressor
• CD de-emphasis processing
• Improved AM reception
• Soft audio mute
• AM IAC
• Pause detection for RDS updates
• Signal level, noise and multipath detection for AM/FM signal quality information.

APPLICATIONS
• Car radio systems




Similar Part No. - SAA7705H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7706H PHILIPS-SAA7706H Datasheet
271Kb / 52P
Car radio Digital Signal Processor (DSP)
2001 Mar 05
SAA7707H PHILIPS-SAA7707H Datasheet
244Kb / 48P
Car radio Digital Signal Processor CDSP
1997 May 30
SAA7708H PHILIPS-SAA7708H Datasheet
281Kb / 60P
Car Radio Digital Signal Processor
1998 May 19
More results


Similar Description - SAA7705H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7707H PHILIPS-SAA7707H Datasheet
244Kb / 48P
Car radio Digital Signal Processor CDSP
1997 May 30
logo
STMicroelectronics
TDA7461 STMICROELECTRONICS-TDA7461 Datasheet
1Mb / 30P
CAR RADIO SIGNAL PROCESSOR
Mar 1998
logo
NXP Semiconductors
SAA7724H PHILIPS-SAA7724H Datasheet
476Kb / 84P
Car radio digital signal processor
2003 Nov 18
SAA7706H PHILIPS-SAA7706H Datasheet
271Kb / 52P
Car radio Digital Signal Processor (DSP)
2001 Mar 05
SAA7708H PHILIPS-SAA7708H Datasheet
281Kb / 60P
Car Radio Digital Signal Processor
1998 May 19
logo
STMicroelectronics
TDA7406T STMICROELECTRONICS-TDA7406T Datasheet
823Kb / 49P
CAR RADIO SIGNAL PROCESSOR
Apr-2001
TDA7402 STMICROELECTRONICS-TDA7402_07 Datasheet
971Kb / 71P
Car radio signal processor
Mar-2007
TDA7404 STMICROELECTRONICS-TDA7404_08 Datasheet
632Kb / 35P
Car radio signal processor
16-Dec-2008
TDA7416 STMICROELECTRONICS-TDA7416_11 Datasheet
448Kb / 37P
Car radio signal processor
30-Jun-2011
TDA7404DTR STMICROELECTRONICS-TDA7404DTR Datasheet
632Kb / 35P
Car radio signal processor
16-Dec-2008
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com