Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B81141 Datasheet (PDF) - EPCOS

B81141 Datasheet PDF - EPCOS
Part # B81141
Download  B81141 Download
File Size   118.5 Kbytes
Page   5 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Film Capacitors EMI Suppression Capacitors (MKT)

B81141 Datasheet (PDF)

Go To PDF Page Download Datasheet
B81141 Datasheet PDF - EPCOS

Part # B81141
Download  B81141 Click to download

File Size   118.5 Kbytes
Page   5 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Film Capacitors EMI Suppression Capacitors (MKT)

B81141 Datasheet (HTML) - EPCOS


B81141 Product details

X1 capacitors

Rated ac voltage 440 V, 50/60 Hz



Construction

■ Dielectric: polyester (MKT)

■ Internal series connection

■ Plastic case (UL 94 V-0)

■ Epoxy resin sealing, flame-retardant



Features

■ Self-healing properties



Terminals

■ Parallel wire leads, tinned

■ Two standard lead lengths available: 6 mm and 26 mm

Other lead lengths available upon request.




Similar Part No. - B81141

ManufacturerPart #DatasheetDescription
logo
EPCOS
B81141-C1103 EPCOS-B81141-C1103 Datasheet
123Kb / 4P
EMI Suppression Capacitors
B81141-C1104 EPCOS-B81141-C1104 Datasheet
123Kb / 4P
EMI Suppression Capacitors
B81141-C1154 EPCOS-B81141-C1154 Datasheet
123Kb / 4P
EMI Suppression Capacitors
B81141-C1223 EPCOS-B81141-C1223 Datasheet
123Kb / 4P
EMI Suppression Capacitors
B81141-C1224 EPCOS-B81141-C1224 Datasheet
123Kb / 4P
EMI Suppression Capacitors
More results


Similar Description - B81141

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32021 EPCOS-B32021 Datasheet
300Kb / 18P
Film Capacitors EMI Suppression Capacitors (MKP)
B32921C3103M289 EPCOS-B32921C3103M289 Datasheet
355Kb / 18P
Film Capacitors EMI Suppression Capacitors (MKP)
B32922C3104M783 EPCOS-B32922C3104M783 Datasheet
312Kb / 17P
Film Capacitors EMI Suppression Capacitors (MKP)
B32923E EPCOS-B32923E Datasheet
315Kb / 17P
Film Capacitors EMI Suppression Capacitors (MKP)
B32911 EPCOS-B32911_13 Datasheet
299Kb / 14P
Film Capacitors EMI Suppression Capacitors (MKP)
B32921C EPCOS-B32921C_12 Datasheet
356Kb / 17P
Film Capacitors EMI Suppression Capacitors (MKP)
Y2_B32021_026 EPCOS-Y2_B32021_026 Datasheet
300Kb / 18P
Film Capacitors EMI Suppression Capacitors
logo
TDK Electronics
B32911 TDK-B32911 Datasheet
315Kb / 19P
Film Capacitors EMI Suppression Capacitors
B81192 TDK-B81192 Datasheet
286Kb / 16P
Film Capacitors EMI Suppression Capacitors (MKP)
B32032 TDK-B32032 Datasheet
634Kb / 25P
Film Capacitors EMI Suppression Capacitors (MKP)
November 2019
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com