Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDA4C16GTH Datasheet (PDF) - EPCOS

CDA4C16GTH Datasheet PDF - EPCOS
Part # CDA4C16GTH
Download  CDA4C16GTH Download
File Size   104.16 Kbytes
Page   10 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description CeraDiode SMD type, array, case size 0508, 0612

CDA4C16GTH Datasheet (PDF)

Go To PDF Page Download Datasheet
CDA4C16GTH Datasheet PDF - EPCOS

Part # CDA4C16GTH
Download  CDA4C16GTH Click to download

File Size   104.16 Kbytes
Page   10 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description CeraDiode SMD type, array, case size 0508, 0612

CDA4C16GTH Datasheet (HTML) - EPCOS


CDA4C16GTH Product details

CeraDiodes High-speed series



Features

Very low capacitance values 0.6 up to 10 pF

ESD protection to IEC 61000-4-2, level 4

Bidirectional ESD protection in one component

No change in ESD protection performance at temperatures up to 85 °C (temperature derating)

Low parasitic inductance

Low leakage current

Fast response time <0.5 ns

Lead-free nickel barrier terminations suitable for lead-free soldering

RoHS-compatible



Applications

Interfaces, data lines (USB, IEEE 1394, Ethernet, parallel port, SATA, DisplayPort, etc.), audio lines (digital) and video lines (analog), DVI, HDMI, ICs and I/O ports

Consumer electronic products (TV, DVD player/recorder, set-top box, game consoles, MP3 player, digital still/video camera, etc.)

EDP products (desktop and notebook computer, monitor, PDA, printer, memory card, control unit, head set, speaker, HDD, optical drive, etc.)

Industrial applications

Mobile phone applications




Similar Part No. - CDA4C16GTH

ManufacturerPart #DatasheetDescription
logo
EPCOS
CDA4C16GTH EPCOS-CDA4C16GTH Datasheet
556Kb / 22P
High-speed series
More results


Similar Description - CDA4C16GTH

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72735D0050H062 EPCOS-B72735D0050H062 Datasheet
145Kb / 10P
CeraDiode SMD type, array, case size 1012
CDA4C20GTA EPCOS-CDA4C20GTA Datasheet
103Kb / 10P
CeraDiode SMD type, array, case size 0508, 0612
logo
Wurth Elektronik GmbH &...
82380050100 WURTH-82380050100 Datasheet
240Kb / 5P
0508 ESD ARRAY 4 VARISTOR
06-07-31
82380180121 WURTH-82380180121 Datasheet
240Kb / 5P
0612 ESD ARRAY 4 VARISTOR
logo
AVX Corporation
W3L16D225MAT3A AVX-W3L16D225MAT3A Datasheet
245Kb / 4P
IDC Low Inductance Capacitors(RoHS) 0306/0612/0508 IDC
logo
Kemet Corporation
CA064X151J5GACTU KEMET-CA064X151J5GACTU Datasheet
86Kb / 1P
Array Comm C0G Flex, Ceramic, 150 pF, 5%, 50 VDC, C0G, SMD, MLCC, Array, Flex Termination, Class II, 0612
logo
Mallory Sonalert Produc...
PA-22034-01-BLACK MSPI-PA-22034-01-BLACK Datasheet
338Kb / 1P
Case Size T1
PA-22034-01-BLUE MSPI-PA-22034-01-BLUE Datasheet
336Kb / 1P
Case Size T1
PA-22034-02-BLUE MSPI-PA-22034-02-BLUE Datasheet
337Kb / 1P
Case Size T2
PA-22034-04-BLACK MSPI-PA-22034-04-BLACK Datasheet
338Kb / 1P
Case Size T2
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com