Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1105069 Datasheet (PDF) - PHOENIX CONTACT

1105069 Datasheet PDF - PHOENIX CONTACT
Part # 1105069
Download  1105069 Download
File Size   457.42 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description K-5E - OE/5,0-C03/M23 M9 - Coupler connector

1105069 Datasheet (PDF)

Go To PDF Page Download Datasheet
1105069 Datasheet PDF - PHOENIX CONTACT

Part # 1105069
Download  1105069 Click to download

File Size   457.42 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description K-5E - OE/5,0-C03/M23 M9 - Coupler connector

1105069 Datasheet (HTML) - PHOENIX CONTACT


1105069 Product details

Coupler connector, series: KSF, M23-Pin, Straight, plastic molded, number of positions: 5+PE,
cable length: 5 m, shielded: yes, color of outer sheath: orange RAL 2003, Alternative product in
accordance with RoHS II without Exemption 6c (Pb < 0.1 %) item no.: 1238423




Similar Part No. - 1105069

ManufacturerPart #DatasheetDescription
logo
Evolt
11050 EKTOR-11050 Datasheet
381Kb / 2P
PEARL CORE IP20
5th of February 2025 07:02:16
logo
List of Unclassifed Man...
11050006101 ETC2-11050006101 Datasheet
186Kb / 1P
Han-Yellock Crimp contact male 0.37mm
11050006102 ETC2-11050006102 Datasheet
183Kb / 1P
Han-Yellock Crimp contact male 0.5mm
11050006103 ETC2-11050006103 Datasheet
185Kb / 1P
Han-Yellock Crimp contact male 0.75mm
11050006104 ETC2-11050006104 Datasheet
180Kb / 1P
Han-Yellock Crimp contact male 1mm
More results


Similar Description - 1105069

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1628779 PHOENIX-1628779 Datasheet
573Kb / 14P
M23-7EP198A9LDLS - Coupler connector
1628785 PHOENIX-1628785 Datasheet
537Kb / 12P
M23-5EP198A9LDLS - Coupler connector
1628789 PHOENIX-1628789 Datasheet
537Kb / 12P
M23-5EP198A9L23S - Coupler connector
1628838 PHOENIX-1628838 Datasheet
573Kb / 14P
M23-7ES198A9L24S - Coupler connector
1629105 PHOENIX-1629105 Datasheet
726Kb / 17P
M23-17P1N8A9004S - Coupler connector
1629112 PHOENIX-1629112 Datasheet
695Kb / 17P
M23-12P1N8A90DUS - Coupler connector
1629118 PHOENIX-1629118 Datasheet
710Kb / 17P
M23-12S1N8A9003S - Coupler connector
1629140 PHOENIX-1629140 Datasheet
602Kb / 15P
M23-06P1N8A90DUS - Coupler connector
1329283 PHOENIX-1329283 Datasheet
709Kb / 17P
M23-12P2N8A9003S - Coupler connector
1629117 PHOENIX-1629117 Datasheet
713Kb / 18P
M23-12S1N8A9004S - Coupler connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com