Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS21VB-R110041 Datasheet (PDF) - Kemet Corporation

SS21VB-R110041 Datasheet PDF - Kemet Corporation
Part # SS21VB-R110041
Download  SS21VB-R110041 Download
File Size   271.28 Kbytes
Page   1 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description KEMET, SS21VB, AC Line Filters, Common Mode, 4.1 mH

SS21VB-R110041 Datasheet (PDF)

Go To PDF Page Download Datasheet
SS21VB-R110041 Datasheet PDF - Kemet Corporation

Part # SS21VB-R110041
Download  SS21VB-R110041 Click to download

File Size   271.28 Kbytes
Page   1 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description KEMET, SS21VB, AC Line Filters, Common Mode, 4.1 mH

SS21VB-R110041 Datasheet (HTML) - Kemet Corporation


SS21VB-R110041 Product details

General Information
Series SS21VB
Style Through-Hole
RoHS Yes
Miscellaneous Temperature Rise Maximum: 30 K.
Core Mn-Zn Ferrite




Similar Part No. - SS21VB-R110041

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SS21VB-R100055 KEMET-SS21VB-R100055 Datasheet
271Kb / 1P
KEMET, SS21VB, AC Line Filters, Common Mode, 5.5 mH
SS21VB-R130033 KEMET-SS21VB-R130033 Datasheet
271Kb / 1P
KEMET, SS21VB, AC Line Filters, Common Mode, 3.3 mH
SS21VB-R150027 KEMET-SS21VB-R150027 Datasheet
271Kb / 1P
KEMET, SS21VB, AC Line Filters, Common Mode, 2.7 mH
SS21VB-R180018 KEMET-SS21VB-R180018 Datasheet
271Kb / 1P
KEMET, SS21VB, AC Line Filters, Common Mode, 1.8 mH
More results


Similar Description - SS21VB-R110041

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SCR47B-400-1R8C010JH KEMET-SCR47B-400-1R8C010JH Datasheet
129Kb / 1P
KEMET, SCR47, AC Line Filters, Common Mode, 1 mH
SCR25XV-110-1R4A013JV KEMET-SCR25XV-110-1R4A013JV Datasheet
62Kb / 1P
KEMET, SCR-XV, AC Line Filters, Common Mode, 2.1 mH
SCT19XV-080-1R0A011JV KEMET-SCT19XV-080-1R0A011JV Datasheet
62Kb / 1P
KEMET, SCT-XV, AC Line Filters, Common Mode, 0.45 mH
SCT25XV-080-1R2A018JH KEMET-SCT25XV-080-1R2A018JH Datasheet
66Kb / 1P
KEMET, SCT-XV, AC Line Filters, Common Mode, 2.6 mH
SCT25XV-130-1R5A012JV KEMET-SCT25XV-130-1R5A012JV Datasheet
61Kb / 1P
KEMET, SCT-XV, AC Line Filters, Common Mode, 1.15 mH
SCT25XV-170-1R7A009JH KEMET-SCT25XV-170-1R7A009JH Datasheet
66Kb / 1P
KEMET, SCT-XV, AC Line Filters, Common Mode, 0.65 mH
SCT29XV-180-1R8A013JV KEMET-SCT29XV-180-1R8A013JV Datasheet
62Kb / 1P
KEMET, SCT-XV, AC Line Filters, Common Mode, 0.56 mH
SCR19XV-100-1R1A009JH KEMET-SCR19XV-100-1R1A009JH Datasheet
65Kb / 1P
KEMET, SCR-XV, AC Line Filters, Common Mode, 0.5 mH
SCR19XV-120-1R2A007JV KEMET-SCR19XV-120-1R2A007JV Datasheet
61Kb / 1P
KEMET, SCR-XV, AC Line Filters, Common Mode, 0.3 mH
SCF25XV-110-1R4A013JH KEMET-SCF25XV-110-1R4A013JH Datasheet
66Kb / 1P
KEMET, SCF-XV, AC Line Filters, Common Mode, 4.1 mH
5/09/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com