Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1522383 Datasheet (PDF) - PHOENIX CONTACT

1522383 Datasheet PDF - PHOENIX CONTACT
Part # 1522383
Download  1522383 Download
File Size   601.22 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-6P-M 8MR SH/.../... - Sensor/actuator cable

1522383 Datasheet (PDF)

Go To PDF Page Download Datasheet
1522383 Datasheet PDF - PHOENIX CONTACT

Part # 1522383
Download  1522383 Click to download

File Size   601.22 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-6P-M 8MR SH/.../... - Sensor/actuator cable

1522383 Datasheet (HTML) - PHOENIX CONTACT


1522383 Product details

Sensor/actuator cable, 6-position, shielded, Plug angled M8, coding: A, on free cable end, cable
length: Free input (0.2 ... 40.0 m)

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Reliable signal transmission – 360° shielding in environments with electromagnetic interference




Similar Part No. - 1522383

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1522300000 WEIDMULLER-1522300000 Datasheet
621Kb / 7P
BVF 7.62HP/02/180MF2 SN BK BX LRP
logo
PHOENIX CONTACT
1522309 PHOENIX-1522309 Datasheet
550Kb / 17P
SAC-6P-M 8MS/ 3,0-PUR SH - Sensor/actuator cable
logo
Weidmuller
1522310000 WEIDMULLER-1522310000 Datasheet
61Kb / 1P
SL 5.08/2/135B
logo
PHOENIX CONTACT
1522325 PHOENIX-1522325 Datasheet
557Kb / 17P
SAC-6P-M 8MS/10,0-PUR SH - Sensor/actuator cable
1522338 PHOENIX-1522338 Datasheet
540Kb / 17P
SAC-6P-M 8MS SH/.../... - Sensor/actuator cable
More results


Similar Description - 1522383

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1404695 PHOENIX-1404695 Datasheet
124Kb / 7P
Sensor/Actuator cable - SAC-3P-M 8MR/ 2,0-PVC B-L - 1404695
1404712 PHOENIX-1404712 Datasheet
128Kb / 7P
Sensor/Actuator cable - SAC-4P-M 8MR/ 2,0-PVC B-L - 1404712
1415029 PHOENIX-1415029 Datasheet
136Kb / 10P
Sensor/actuator cable - SAC-6P-10,0-PUR/DTFS
09/11/2020
1415580 PHOENIX-1415580 Datasheet
178Kb / 12P
Sensor/actuator cable - SAC-4P-M 8MR/0,3-PVC/M 8FR
09/11/2020
1415581 PHOENIX-1415581 Datasheet
178Kb / 12P
Sensor/actuator cable - SAC-4P-M 8MR/0,6-PVC/M 8FR
09/11/2020
1415582 PHOENIX-1415582 Datasheet
178Kb / 12P
Sensor/actuator cable - SAC-4P-M 8MR/1,5-PVC/M 8FR
09/11/2020
1415583 PHOENIX-1415583 Datasheet
178Kb / 12P
Sensor/actuator cable - SAC-4P-M 8MR/3,0-PVC/M 8FR
09/11/2020
1522260 PHOENIX-1522260 Datasheet
161Kb / 13P
Sensor/actuator cable - SAC-6P- 5,0-PUR/M 8FR
09/11/2020
1682090 PHOENIX-1682090 Datasheet
171Kb / 13P
Sensor/actuator cable - SAC-3P-M 8MR/ 3,0-PUR/M 8FR
09/11/2020
1682236 PHOENIX-1682236 Datasheet
164Kb / 13P
Sensor/actuator cable - SAC-4P-M 8MR/0,6-PUR/M 8FS
09/11/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com