Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSR30C120S1 Datasheet (PDF) - Solid States Devices, Inc

SSR30C120S1 Datasheet PDF - Solid States Devices, Inc
Part # SSR30C120S1
Download  SSR30C120S1 Download
File Size   144.9 Kbytes
Page   2 Pages
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc
Description 30 A / 1200 V Schottky Silicon Carbide Rectifier

SSR30C120S1 Datasheet (PDF)

Go To PDF Page Download Datasheet
SSR30C120S1 Datasheet PDF - Solid States Devices, Inc

Part # SSR30C120S1
Download  SSR30C120S1 Click to download

File Size   144.9 Kbytes
Page   2 Pages
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc
Description 30 A / 1200 V Schottky Silicon Carbide Rectifier

SSR30C120S1 Datasheet (HTML) - Solid States Devices, Inc




Similar Part No. - SSR30C120S1

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR30C120S1 SSDI-SSR30C120S1 Datasheet
76Kb / 2P
Schottky Silicon Carbide Rectifier
More results


Similar Description - SSR30C120S1

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR10C120CT SSDI-SSR10C120CT Datasheet
132Kb / 2P
10 A / 1200 V Schottky Silicon Carbide Centertap Rectifier
SSR05C120 SSDI-SSR05C120 Datasheet
205Kb / 2P
5 A / 1200 V Schottky Silicon Carbide Rectifier
SSR30C100S1 SSDI-SSR30C100S1 Datasheet
144Kb / 2P
30 A / 1200 V Schottky Silicon Carbide Rectifier
SH0067A SSDI-SH0067A Datasheet
123Kb / 2P
10 A / 1200 V Schottky Silicon Carbide Rectifier
logo
ON Semiconductor
FFSD08120A ONSEMI-FFSD08120A Datasheet
465Kb / 6P
Silicon Carbide Schottky Diode 1200 V, 8 A
January, 2020 ??Rev. 3
FFSH15120A ONSEMI-FFSH15120A Datasheet
450Kb / 6P
Silicon Carbide Schottky Diode 1200 V, 15 A
January, 2020 ??Rev. 2
FFSP10120A ONSEMI-FFSP10120A Datasheet
301Kb / 6P
Silicon Carbide Schottky Diode 1200 V, 10 A
January, 2020 ??Rev. 2
FFSH10120A-F155 ONSEMI-FFSH10120A-F155 Datasheet
310Kb / 7P
Silicon Carbide Schottky Diode 1200 V, 10 A
August, 2020 - Rev. 0
FFSB10120A-F085 ONSEMI-FFSB10120A-F085_V01 Datasheet
316Kb / 6P
Silicon Carbide Schottky Diode 1200 V, 10 A
March, 2022 - Rev. 2
logo
WOLFSPEED, INC.
C4D30120H WOLFSPEED-C4D30120H Datasheet
757Kb / 8P
4th Generation 1200 V, 30 A Silicon Carbide Schottky Diode
Rev. 1, January 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com