Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MH4V64AXJJ Datasheet (PDF) - Mitsubishi Electric Semiconductor

MH4V64AXJJ Datasheet PDF - Mitsubishi Electric Semiconductor
Part # MH4V64AXJJ
Download  MH4V64AXJJ Download
File Size   217.41 Kbytes
Page   25 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description FAST PAGE MODE 268435456-BIT (4194304-WORD BY 64-BIT)DYNAMIC RAM

MH4V64AXJJ Datasheet (PDF)

Go To PDF Page Download Datasheet
MH4V64AXJJ Datasheet PDF - Mitsubishi Electric Semiconductor

Part # MH4V64AXJJ
Download  MH4V64AXJJ Click to download

File Size   217.41 Kbytes
Page   25 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description FAST PAGE MODE 268435456-BIT (4194304-WORD BY 64-BIT)DYNAMIC RAM

MH4V64AXJJ Datasheet (HTML) - Mitsubishi Electric Semiconductor


MH4V64AXJJ Product details

DESCRIPTION
This is family of 4194304 - word by 64 - bit dynamic RAM module. This consists of four industry standard 4Mx16 dynamic RAMs in TSOP and one industry EEPROM in TSSOP.
The mounting of TSOP on a card edge dual in line package provides any application where high densities and large of quantities memory are required.
This is a socket-type memory module,suitable for easy interchange of addition of modules

FEATURES
• single 3.3V± 0.3V supply
• Low stand-by power dissipation 7.2mW- - - - - - - - - LVCMOS input level
• operating power dissipation
    MH4V64AXJJ-5,5S - - - - - 1584 mW(max.)
    MH4V644AXJJ-5,5S - - - - 2016 mW(max.)
    MH4V64AXJJ-6,6S - - - - - 1440mW(max.)
    MH4V644AXJJ-6,6S - - - - 1872 mW(max.)
• Self refresh capability Self refresh current - - - - 1600 uA(max.)
• All input, output LVTTL compatible and low capacitance
• Utilizes industry standard 4Mx16 RAMs in TSOP and industry standard EEPROM in TSSOP.
• Includes decoupling capacitor(0.22uFx4)
• Fast page mode , Read-modify-write, CAS before RAS refresh,Hidden refresh capabilities.
• Early-write mode,OE to control output buffer impedance.

APPLICATION
    Main memory unit for computer,Microcomputer memory,Refresh memory for CRT.




Similar Part No. - MH4V64AXJJ

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH4V64AWXJ-5 MITSUBISHI-MH4V64AWXJ-5 Datasheet
170Kb / 20P
FAST PAGE MODE 268435456 - BIT ( 4194304 - WORD BY 64 - BIT ) DYNAMIC RAM
MH4V64AWXJ-6 MITSUBISHI-MH4V64AWXJ-6 Datasheet
170Kb / 20P
FAST PAGE MODE 268435456 - BIT ( 4194304 - WORD BY 64 - BIT ) DYNAMIC RAM
More results


Similar Description - MH4V64AXJJ

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MH4M36CJD-5 MITSUBISHI-MH4M36CJD-5 Datasheet
130Kb / 14P
FAST PAGE MODE ( 4194304-WORD BY 36-BIT ) DYNAMIC RAM
MH4V36AM-6 MITSUBISHI-MH4V36AM-6 Datasheet
190Kb / 18P
FAST PAGE MODE 150994944-BIT ( 4194304-WORD BY 36-BIT ) DYNAMIC RAM
MH4V6445BXJJ-5 MITSUBISHI-MH4V6445BXJJ-5 Datasheet
152Kb / 26P
HYPER PAGE MODE 268435456-BIT (4194304-WORD BY 64-BIT)DYNAMIC RAM
MH4V644AWXJ-5 MITSUBISHI-MH4V644AWXJ-5 Datasheet
171Kb / 20P
FAST PAGE MODE 268435456 - BIT ( 4194304 - WORD BY 64 - BIT ) DYNAMIC RAM
MH4V64AWXJ-5 MITSUBISHI-MH4V64AWXJ-5 Datasheet
170Kb / 20P
FAST PAGE MODE 268435456 - BIT ( 4194304 - WORD BY 64 - BIT ) DYNAMIC RAM
MH4V724AWXJ-5 MITSUBISHI-MH4V724AWXJ-5 Datasheet
174Kb / 20P
FAST PAGE MODE 301989888 - BIT ( 4194304 - WORD BY 72 - BIT ) DYNAMIC RAM
M5M44260CJ MITSUBISHI-M5M44260CJ Datasheet
296Kb / 29P
FAST PAGE MODE 4194304-BIT (262144-WORD BY 16-BIT) DYNAMIC RAM
M5M44800CJ MITSUBISHI-M5M44800CJ Datasheet
209Kb / 21P
FAST PAGE MODE 4194304-BIT (524288-WORD BY 8-BIT) DYNAMIC RAM
M5M417400CJ MITSUBISHI-M5M417400CJ Datasheet
514Kb / 22P
FAST PAGE MODE 16777216-BIT (4194304-WORD BY 4-BIT) DYNAMIC RAM
M5M44400BJ MITSUBISHI-M5M44400BJ Datasheet
1Mb / 24P
FAST PAGE MODE 4194304-BIT(1048576-WORD BY 4-BIT)DYNAMIC RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com