Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA9730 Datasheet (PDF) - NXP Semiconductors

SAA9730 Datasheet PDF - NXP Semiconductors
Part # SAA9730
Download  SAA9730 Download
File Size   30.87 Kbytes
Page   2 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description INTEGRATED MULTIMEDIA & PERIPHERAL CONTROLLER

SAA9730 Datasheet (PDF)

Go To PDF Page Download Datasheet
SAA9730 Datasheet PDF - NXP Semiconductors

Part # SAA9730
Download  SAA9730 Click to download

File Size   30.87 Kbytes
Page   2 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description INTEGRATED MULTIMEDIA & PERIPHERAL CONTROLLER

SAA9730 Datasheet (HTML) - NXP Semiconductors


SAA9730 Product details

SAA9730 from Philips Semiconductors is a highly integrated ASIC targeted for Windows-Based Terminals (Thin client) and Internet Access Terminal markets. In a SAA9730 Windows Based Terminal system, the applications run on a host server. There is no hard disk associated with each of these client systems, and all the clients use the server hard disk. The windows based terminal connects to the server through a 10/100 Ethernet LAN, integrated into SAA9730. The three-IC solution for a WBT (Windows Based Terminal) includes a CPU, a CPU interface and SAA9730. The CPU processes the network commands and instructs the SAA9730 to do the processing.

SAA9730 features
■ 32-bit, 33 MHz PCI 2.1 interface
■ 64-bit, 100 MHz SGRAM
■ 64-bit, 66 MHz EDO memory interface
■ Accelerated 2D graphics
■ 3D rendering engine (setup on CPU)
■ Digital Video input
■ High resolution: up to 1600 × 1200
■ Display resolution: 8, 16, 24, 32 bits/pixel
■ Simultaneous CRT & TV (NTSC/PAL) displays
■ Integrated 220 MHz RAM DAC and Digital Encoder
■ 10/100 Ethernet MAC
■ P1284 parallel port
■ 2 USB host ports
■ 16550-compatible UART
■ PS2 style keyboard and mouse interface
■ IR interface (115Kbs)
■ I2C interface
■ DDC interface
■ Xbus (expansion bus) supports:
    • BIOS ROM
    • Audio and/or Modem Codec
    • 24-bit RGB capable of driving an external flat panel transmitter
    • MPEG/AC-3 decoder




Similar Part No. - SAA9730

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA9740H PHILIPS-SAA9740H Datasheet
103Kb / 24P
Advanced Auto Control Function A2CF
1996 Oct 10
SAA9750H PHILIPS-SAA9750H Datasheet
114Kb / 24P
Camera Digital Signal Processor CAMDSP
1996 Feb 16
More results


Similar Description - SAA9730

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VT82C586A ETC-VT82C586A Datasheet
215Kb / 43P
PIC Integrated Peripheral Controller
VT82C686A ETC-VT82C686A Datasheet
45Kb / 5P
PCI SUPER-I/O INTEGRATED PERIPHERAL CONTROLLER
VT82C596A ETC-VT82C596A Datasheet
120Kb / 6P
MOBILE PCI INTEGRATED PERIPHERAL CONTROLLER
VT82C596B ETC-VT82C596B Datasheet
1Mb / 96P
PCI INTEGRATED PERIPHERAL CONTROLLER
VT82C586B ETC-VT82C586B Datasheet
393Kb / 69P
PCI INTEGRATED PERIPHERAL CONTROLLER
logo
Wolfson Microelectronic...
WM9705 WOLFSON-WM9705 Datasheet
496Kb / 55P
Multimedia AC97 CODEC with Integrated Touch Screen Controller
logo
List of Unclassifed Man...
VT82C686B ETC1-VT82C686B Datasheet
1Mb / 128P
PCI Super-I/O Integrated Peripheral Controller
logo
Advanced Micro Devices
AMD-766 AMD-AMD-766 Datasheet
568Kb / 96P
Peripheral Bus Controller
logo
Wolfson Microelectronic...
WM9705 WOLFSON-WM9705_06 Datasheet
511Kb / 55P
Multimedia AC??7 CODEC with Integrated Touch Screen Controller
logo
List of Unclassifed Man...
IN3005KB ETC2-IN3005KB Datasheet
488Kb / 3P
Multimedia Keyboard - Notebook/Laptop Computer Peripheral Devices
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com