Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM4503S8 Datasheet (PDF) - Rectron Semiconductor

RM4503S8 Datasheet PDF - Rectron Semiconductor
Part # RM4503S8
Download  RM4503S8 Download
File Size   441.54 Kbytes
Page   10 Pages
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor
Description N and P-Channel Enhancement Mode Power MOSFET

RM4503S8 Datasheet (PDF)

Go To PDF Page Download Datasheet
RM4503S8 Datasheet PDF - Rectron Semiconductor

Part # RM4503S8
Download  RM4503S8 Click to download

File Size   441.54 Kbytes
Page   10 Pages
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor
Description N and P-Channel Enhancement Mode Power MOSFET

RM4503S8 Datasheet (HTML) - Rectron Semiconductor


RM4503S8 Product details

General Features
N-Channel
VDS = 30V,ID =10A
RDS(ON) < 18mΩ @ VGS=4.5V
RDS(ON) < 10mΩ @ VGS=10V
P-Channel
VDS = -30V,ID = -9.1A
RDS(ON) < 30mΩ @ VGS=-4.5V
RDS(ON) < 20mΩ @ VGS=-10V
High power and current handing capability
Lead free product is acquired
Surface mount package




Similar Part No. - RM4503S8

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RM4503S RECTRON-RM4503S Datasheet
679Kb / 10P
N and P-Channel Enhancement Mode Power MOSFET
2022-01/15 REV:C
More results


Similar Description - RM4503S8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP2030M ETC-AP2030M Datasheet
112Kb / 11P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Advanced Power Electron...
AP2530GY A-POWER-AP2530GY Datasheet
85Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GSS4503 GTM-GSS4503 Datasheet
557Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4565 GTM-GSS4565 Datasheet
559Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GT2530 GTM-GT2530 Datasheet
390Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Advanced Power Electron...
AP4511GED A-POWER-AP4511GED Datasheet
120Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4506GEM A-POWER-AP4506GEM Datasheet
123Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4501GM A-POWER-AP4501GM Datasheet
212Kb / 8P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4506GEH-HF A-POWER-AP4506GEH-HF Datasheet
116Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
E-Tech Electronics LTD
GT2531 ETL-GT2531 Datasheet
394Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com