Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3397E Datasheet (PDF) - Maxim Integrated Products

MAX3397E Datasheet PDF - Maxim Integrated Products
Part # MAX3397E
Download  MAX3397E Download
File Size   286.72 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual Bidirectional Low-Level Translator in 關DFN

MAX3397E Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3397E Datasheet PDF - Maxim Integrated Products

Part # MAX3397E
Download  MAX3397E Click to download

File Size   286.72 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual Bidirectional Low-Level Translator in 關DFN

MAX3397E Datasheet (HTML) - Maxim Integrated Products


MAX3397E Product details

General Description
The MAX3397E ±15kV ESD-protected bidirectional level translator provides level shifting for data transfer in a multivoltage system. Externally applied voltages, VCC and VL, set the logic levels on either side of the device. A logic-low signal present on the VL side of the device appears as a logic-low signal on the VCC side of the device, and vice versa. The MAX3397E utilizes a transmission-gate-based design to allow data translation in either direction (VL ↔ VCC) on any single data line. The MAX3397E accepts VL from +1.2V to +5.5V and VCC from +1.65V to +5.5V, making the device ideal for datatransfer between low-voltage ASICs/PLDs and higher voltage systems.

Features
♦ Bidirectional Level Translation
♦ Guaranteed Data Rate
   8Mbps (+1.2V ≤ VL ≤ VCC ≤ +5.5V)
   16Mbps (+1.8V ≤ VL ≤ VCC ≤ +3.3V)
♦ Extended ESD Protection on the I/O VCC Lines
   ±15kV Human Body Model
   ±15kV Air-Gap Discharge per IEC61000-4-2
   ±8kV Contact Discharge per IEC61000-4-2
♦ Enable/Shutdown
♦ Ultra-Low 1µA Supply Current in Shutdown Mode
♦ 8-Pin µDFN Package




Similar Part No. - MAX3397E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3397E MAXIM-MAX3397E Datasheet
75Kb / 4P
Jumper-Selectable Enable/Shutdown Configuration
Rev 0; 8/07
MAX3397EEVKIT MAXIM-MAX3397EEVKIT Datasheet
75Kb / 4P
Jumper-Selectable Enable/Shutdown Configuration
Rev 0; 8/07
MAX3397EEVKIT+ MAXIM-MAX3397EEVKIT+ Datasheet
75Kb / 4P
Jumper-Selectable Enable/Shutdown Configuration
Rev 0; 8/07
More results


Similar Description - MAX3397E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9306 PHILIPS-PCA9306 Datasheet
123Kb / 21P
Dual bidirectional I2C-bus and SMBus voltage-level translator
Rev. 02-21 February 2007
logo
Texas Instruments
PCA9306 TI-PCA9306_08 Datasheet
431Kb / 16P
DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
logo
Maxim Integrated Produc...
MAX13046E MAXIM-MAX13046E Datasheet
165Kb / 15P
Single- and Dual-Bidirectional Low-Level Translator
Rev 1; 8/08
MAX14611 MAXIM-MAX14611 Datasheet
2Mb / 15P
Quad Bidirectional Low-Voltage Logic-Level Translator
Rev 0; 4/12
logo
Texas Instruments
PCA9306-Q1 TI1-PCA9306-Q1 Datasheet
217Kb / 12P
DUAL BIDIRECTIONAL I2C BUS AND SMBus VOLTAGE-LEVEL TRANSLATOR
logo
Union Semiconductor, In...
UM3212 UNIONSEMI-UM3212 Datasheet
397Kb / 11P
Dual bidirectional I2C-bus and SMBus voltage-level translator
logo
Global Mixed-mode Techn...
G3401 GMT-G3401 Datasheet
46Kb / 1P
Dual Bidirectional I2C Bus and SMBus Voltage- Level Translator
logo
Unisonic Technologies
UCA9306 UTC-UCA9306 Datasheet
233Kb / 9P
DUAL BIDIRECTIONAL I2C BUS SMBUS VOLTAGE-LEVEL TRANSLATOR
logo
ON Semiconductor
PCA9306AMUTCG ONSEMI-PCA9306AMUTCG Datasheet
185Kb / 12P
Dual Bidirectional I2C-bus and SMBus Voltage-Level Translator
August, 2013 ??Rev. 5
logo
Maxim Integrated Produc...
MAX3370 MAXIM-MAX3370_V01 Datasheet
295Kb / 10P
1關A, 2Mbps, Low-Voltage Level Translators in SC70 and 關DFN
2009
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com