Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3814CHJ+ Datasheet (PDF) - Maxim Integrated Products

MAX3814CHJ+ Datasheet PDF - Maxim Integrated Products
Part # MAX3814CHJ+
Download  MAX3814CHJ+ Download
File Size   571.13 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description DVI/HDMI TMDS FR-4 and Cable Equalizer/Driver

MAX3814CHJ+ Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3814CHJ+ Datasheet PDF - Maxim Integrated Products

Part # MAX3814CHJ+
Download  MAX3814CHJ+ Click to download

File Size   571.13 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description DVI/HDMI TMDS FR-4 and Cable Equalizer/Driver

MAX3814CHJ+ Datasheet (HTML) - Maxim Integrated Products


MAX3814CHJ+ Product details

General Description
The MAX3814 TMDS™ EQ/driver IC compensates for FR-4 and cable losses up to the DVI™/HDMI® transmit connector and provides a fully compliant DVI/HDMI TMDS output. The device can also be used in DVI/HDMI cable applications to extend reach and improve jitter margin of cable channels at the receive-side connector.

Features
♦ Equalizes FR-4 Board Microstrip and Cable HF
   Losses Up to 15dB at 825MHz for Operation at
   0.25Gbps to 1.65Gbps
♦ Compatible with HDMI 1.3
♦ Less Than 0.2UIP-P Residual Jitter at 1.65Gbps for
   0 to 15dB Channel Loss at 825MHz
♦ Input Terminations: 50Ω (Each Side to VCC) ±10%
♦ Output of Driver is a Fully DVI/HDMI TMDSCompatible Cable Driver
♦ Output Amplitude: 1.05VP-P Differential
♦ Enable Pin to Select Normal Operation or PowerDown Mode
♦ LEVEL Pin to Select Output Current for Use With
   or Without Back Termination
♦ 32-Pin TQFP for Four Channels; Any Channel Can
   Be Either a TMDS Data or Clock Signal
♦ VCC = 3.3V; Signal Pins Have Absolute Max
   Ratings of 5.5V (for Fault Conditions)

Applications
   Laptop PC TMDS Equalizer and Driver
   Docking Station TMDS Equalizer and Driver
   Cable TMDS Equalizer




Similar Part No. - MAX3814CHJ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3814CHJ+ MAXIM-MAX3814CHJ+ Datasheet
451Kb / 13P
DVI/HDMI TMDS FR-4 and Cable Equalizer/Driver
Rev 1; 9/07
More results


Similar Description - MAX3814CHJ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3845 MAXIM-MAX3845 Datasheet
557Kb / 19P
DVI/HDMI 2:4 TMDS Fanout Switch and Cable Driver
Rev 0; 4/07
logo
STMicroelectronics
STDVE003A STMICROELECTRONICS-STDVE003A Datasheet
91Kb / 3P
3:1 TMDS / HDMI signal equalizer
03-Sep-2007
logo
Maxim Integrated Produc...
MAX3814_0709 MAXIM-MAX3814_0709 Datasheet
451Kb / 13P
DVI/HDMI TMDS FR-4 and Cable Equalizer/Driver
Rev 1; 9/07
logo
Analog Devices
ADV3003 AD-ADV3003 Datasheet
771Kb / 16P
HDMI/DVI TMDS Equalizer
REV. 0
logo
National Semiconductor ...
DS16EV5110_0706 NSC-DS16EV5110_0706 Datasheet
1Mb / 18P
Video Equalizer for DVI, HDMI, and Cat5 Cables
logo
Maxim Integrated Produc...
MAX3815 MAXIM-MAX3815 Datasheet
322Kb / 11P
TMDS Digital Video Equalizer for DVI/HDMI Cables
Rev 2; 2/08
logo
STMicroelectronics
STDVE001A STMICROELECTRONICS-STDVE001A Datasheet
789Kb / 49P
Adaptive single 3.4 Gbps TMDS/HDMI signal equalizer
21-Jul-2008
STDVE003A STMICROELECTRONICS-STDVE003A_08 Datasheet
702Kb / 41P
Adaptive 3.4 Gbps 3:1 TMDS/HDMI signal equalizer
21-Jul-2008
logo
Maxim Integrated Produc...
MAX3815A MAXIM-MAX3815A Datasheet
1Mb / 11P
TMDS Digital Video Equalizer for HDMI/DVI Cables
Rev 0; 7/09
logo
Analog Devices
ADV3003 AD-ADV3003_17 Datasheet
766Kb / 16P
HDMI/DVI TMDS Equalizer
6/2017-Rev. 0 to Rev. A
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com