Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3815 Datasheet (PDF) - Maxim Integrated Products

MAX3815 Datasheet PDF - Maxim Integrated Products
Part # MAX3815
Download  MAX3815 Download
File Size   322.38 Kbytes
Page   11 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description TMDS Digital Video Equalizer for DVI/HDMI Cables

MAX3815 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3815 Datasheet PDF - Maxim Integrated Products

Part # MAX3815
Download  MAX3815 Click to download

File Size   322.38 Kbytes
Page   11 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description TMDS Digital Video Equalizer for DVI/HDMI Cables

MAX3815 Datasheet (HTML) - Maxim Integrated Products


MAX3815 Product details

General Description
The MAX3815 cable equalizer automatically provides compensation for DVI™, HDMI™, DFP, PanelLink®, and ADC cables. It extends the usable cable distance up to 36 meters. The MAX3815 is designed to equalize signals encoded in the transition-minimized differential signaling (TMDS®) format.

Features
♦ Extends TMDS Cable Reach to Projectors or
   Monitors Using DVI, DFP, PanelLink, ADC, or
   HDMI Interfaces
♦ Extends TMDS Interface Length as Follows:
   0 to 50 Meters Over DVI-Cable, 24 AWG STP
      (Shielded-Twisted Pair)
   0 to 36 Meters Over DVI-Cable, 28 AWG STP
   0 to 30 Meters Over DVI-Cable, 30 AWG STP
♦ Compatible with DTV Resolutions 480i, 480p,
   720p, 1080i, and 1080p
♦ Compatible with Computer Resolutions VGA,
   SVGA, XGA, SXGA, UXGA
♦ Fully Automatic Equalization Up to 40dB at
   825MHz (1.65Gbps), No System Control Required
♦ 3.3V Power Supply
♦ Power Dissipation of 0.6W (typ)
♦ 7mm x 7mm 48-Pin TQFP Lead-Free Package

Applications
   Front-Projector DVI/HDMI Inputs
   High-Definition Televisions and Displays
   DVI-D/HDMI Cable-Extender Modules and Active
      Cable Assemblies
   LCD Computer Monitors




Similar Part No. - MAX3815

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3815A MAXIM-MAX3815A Datasheet
1Mb / 11P
TMDS Digital Video Equalizer for HDMI/DVI Cables
Rev 0; 7/09
MAX3815ACCM+ MAXIM-MAX3815ACCM+ Datasheet
1Mb / 11P
TMDS Digital Video Equalizer for HDMI/DVI Cables
Rev 0; 7/09
More results


Similar Description - MAX3815

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3814 MAXIM-MAX3814 Datasheet
571Kb / 15P
DVI/HDMI TMDS FR-4 and Cable Equalizer/Driver
Rev 0; 5/07
MAX3814_0709 MAXIM-MAX3814_0709 Datasheet
451Kb / 13P
DVI/HDMI TMDS FR-4 and Cable Equalizer/Driver
Rev 1; 9/07
logo
Analog Devices
ADV3003 AD-ADV3003 Datasheet
771Kb / 16P
HDMI/DVI TMDS Equalizer
REV. 0
logo
National Semiconductor ...
DS16EV5110_0706 NSC-DS16EV5110_0706 Datasheet
1Mb / 18P
Video Equalizer for DVI, HDMI, and Cat5 Cables
DS16EV5110 NSC-DS16EV5110_08 Datasheet
1Mb / 20P
Video Equalizer (3DC) for DVI, HDMI Sink-Side Applications
logo
Maxim Integrated Produc...
MAX3815A MAXIM-MAX3815A Datasheet
1Mb / 11P
TMDS Digital Video Equalizer for HDMI/DVI Cables
Rev 0; 7/09
logo
Texas Instruments
DS16EV5110SQ TI1-DS16EV5110SQ Datasheet
1Mb / 22P
DS16EV5110 Video Equalizer (3DC) for DVI, HDMI Sink-Side Applications
DS16EV5110SQ TI-DS16EV5110SQ Datasheet
3Mb / 24P
DS16EV5110 Video Equalizer (3DC) for DVI, HDMI Sink-Side Applications
DS16EV5110 TI1-DS16EV5110_15 Datasheet
3Mb / 24P
Video Equalizer (3DC) for DVI, HDMI Sink-Side Applications
logo
Analog Devices
ADV3003 AD-ADV3003_17 Datasheet
766Kb / 16P
HDMI/DVI TMDS Equalizer
6/2017-Rev. 0 to Rev. A
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com