Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8804 Datasheet (PDF) - Microchip Technology

LAN8804 Datasheet PDF - Microchip Technology
Part # LAN8804
Download  LAN8804 Download
File Size   3098.04 Kbytes
Page   91 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 4-Port Gigabit Ethernet Transceiver with QSGMII Support

LAN8804 Datasheet (PDF)

Go To PDF Page Download Datasheet
LAN8804 Datasheet PDF - Microchip Technology

Part # LAN8804
Download  LAN8804 Click to download

File Size   3098.04 Kbytes
Page   91 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 4-Port Gigabit Ethernet Transceiver with QSGMII Support

LAN8804 Datasheet (HTML) - Microchip Technology


LAN8804 Product details

Features
• Quad-Port Gigabit Ethernet Transceiver
• QSGMII Version 1.3 MAC Interface
• Jumbo Frame Support Up to 16 KB
• Clocked from Crystal or External 25/125 MHz Reference
Clock Input
• Time Sensitive Networking (TSN) Frame Preemption
support per IEEE 802.3™-2018 clause 99
• IEEE 802.3-2018 Energy Efficient Ethernet (EEE)
• Two Programmable LED Outputs per Port for
Link, Activity, and Speed
• Coma mode to Eliminate Port Link Bouncing at
Startup and Synchronize LEDs
• 24 GPIOs
• LinkMD® TDR-based Cable Diagnostic to Identify
Faulty Copper Cabling
• Signal Quality Indication
• Loopback modes for Diagnostics
• Automatic MDI/MDI-X Crossover to Detect and
Correct Pair Swaps, Pair Skew, and Pair Polarity
• Shared Management Data Input/Output (MDIO)
Interface for PHY Register Configuration
• Interrupt Pin Option
• Die Temperature Monitor
• Power-Down and Power-Saving Modes
- Energy Detect Power Down
- Chip Power Down
- EEE Low Power Idle mode
- Smart power savings up to 20 mW for cables
<70m
• Operating Voltages
- Digital Core (VDDCORE): 1.1V
- Analog Operation: 1.1V (VDDAL)
and 2.5V, 3.3V (VDD33REF)
- VDD I/O (VDDIO): 3.3V, 2.5V, or 1.8V
- Transceiver (VDDAH): 3.3V or 2.5V
• 128-pin TQFP (14 × 14 mm body) Package
• Temperature Support
- Commercial temperature range (0 to +85°C)
- Industrial temperature range (-40 to +85°C)

Target Applications
• Enterprise/SMB Switches
• Industrial Switches
• Cellular Infrastructure
• Routers
• Wi-Fi Access Points
• Gateways
• FPGA Based Systems
• General Embedded




Similar Part No. - LAN8804

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
LAN8804D MICROCHIP-LAN8804D Datasheet
1Mb / 89P
4-Port Gigabit Ethernet Transceiver with QSGMII Support
LAN8804D-I/ZMX MICROCHIP-LAN8804D-I/ZMX Datasheet
1Mb / 89P
4-Port Gigabit Ethernet Transceiver with QSGMII Support
LAN8804D/ZMX MICROCHIP-LAN8804D/ZMX Datasheet
1Mb / 89P
4-Port Gigabit Ethernet Transceiver with QSGMII Support
More results


Similar Description - LAN8804

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KSZ9021RNI MICREL-KSZ9021RNI Datasheet
424Kb / 56P
Gigabit Ethernet Transceiver with RGMII Support
KSZ9031RNX MICREL-KSZ9031RNX Datasheet
973Kb / 75P
Gigabit Ethernet Transceiver with RGMII Support
KSZ9021GN MICREL-KSZ9021GN Datasheet
424Kb / 53P
Gigabit Ethernet Transceiver with GMII / MII Support
KSZ9021GQ MICREL-KSZ9021GQ Datasheet
485Kb / 59P
Gigabit Ethernet Transceiver with GMII / MII Support
logo
Microchip Technology
KSZ9031RNX MICROCHIP-KSZ9031RNX Datasheet
854Kb / 78P
Gigabit Ethernet Transceiver with RGMII Support
06/23/16
KSZ9021RL MICROCHIP-KSZ9021RL Datasheet
661Kb / 67P
Gigabit Ethernet Transceiver with RGMII Support
05/14/19
KSZ9131MNX MICROCHIP-KSZ9131MNX Datasheet
2Mb / 146P
Gigabit Ethernet Transceiver with GMII/MII Support
02/28/20
KSZ9131RNX MICROCHIP-KSZ9131RNX Datasheet
3Mb / 154P
Gigabit Ethernet Transceiver with RGMII Support
02/28/20
KSZ9031MNX MICROCHIP-KSZ9031MNX_V01 Datasheet
820Kb / 73P
Gigabit Ethernet Transceiver with GMII/MII Support
DS00002096F (04-26-22)
KSZ9031RNX MICROCHIP-KSZ9031RNX_V01 Datasheet
866Kb / 81P
Gigabit Ethernet Transceiver with RGMII Support
DS00002117J (04-26-22)
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com