Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP60713 Datasheet (PDF) - Microchip Technology

MCP60713 Datasheet PDF - Microchip Technology
Part # MCP60713
Download  MCP60713 Download
File Size   1287.91 Kbytes
Page   41 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 10 MHz Precision Op Amps

MCP60713 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP60713 Datasheet PDF - Microchip Technology

Part # MCP60713
Download  MCP60713 Click to download

File Size   1287.91 Kbytes
Page   41 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 10 MHz Precision Op Amps

MCP60713 Datasheet (HTML) - Microchip Technology


MCP60713 Product details

Description
The MCP60711/1U/3 op amps operate on a power
supply voltage between 2.2V and 5.5V, and over the ETemp
temperature range (-40°C to +125°C). The input
offset voltage is trimmed at 25°C and VDD = 3.5V.
Single op amps are offered in 5L SC70, 5L SOT-23,
and 6L SOT-23 (with SHDN pin) packages.

Features
• Gain Bandwidth Product: 10 MHz (typical)
• Slew Rate: 15 V/μs (typical at VDD = 5.5V)
• THD: -115 dBc (typical) at 1 kHz and 2 VP-P
• Input Offset Voltage: ±105 μV (maximum,
VCM = 0.1V)
• Rail-to-Rail: I/O
• Power Supply: 2.2V to 5.5V
- Single or Dual (Split) Supplies
- Quiescent Current: 720 μA/chan (typical)
- Shutdown pins for some packages
• Enhanced EMI Protection:
- EMIRR: 81 dB at 2.4 GHz (typical)
• Extended Temperature Range: -40°C to +125°C

Typical Applications
• Audio
• Test and Measurement
• Communications
• Medical
• Active Filters
• Trans-impedance Amplifiers
• Current Sensing
• ADC Driver
• DAC Buffer




Similar Part No. - MCP60713

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6071 MICROCHIP-MCP6071 Datasheet
699Kb / 34P
110 關A, High Precision Op Amps
2009
MCP6071 MICROCHIP-MCP6071 Datasheet
1Mb / 40P
110 uA, High Precision Op Amps
2010
MCP6071 MICROCHIP-MCP6071 Datasheet
856Kb / 42P
110 μA, High Precision Op Amps
Revision C November 2021
MCP6071-E MICROCHIP-MCP6071-E Datasheet
1Mb / 40P
110 uA, High Precision Op Amps
2010
MCP6071-E/MNY MICROCHIP-MCP6071-E/MNY Datasheet
699Kb / 34P
110 關A, High Precision Op Amps
2009
More results


Similar Description - MCP60713

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MXL1013 MAXIM-MXL1013 Datasheet
160Kb / 8P
Dual/Quad Precision Op Amps
logo
Microchip Technology
MCP6021 MICROCHIP-MCP6021 Datasheet
618Kb / 28P
Rail-to-Rail Input/Output, 10 MHz Op Amps
2003
MCP6021 MICROCHIP-MCP6021_09 Datasheet
673Kb / 42P
Rail-to-Rail Input/Output, 10 MHz Op Amps
2009
MCP6L91 MICROCHIP-MCP6L91 Datasheet
480Kb / 30P
10 MHz, 850 關A Op Amps
2009
MCP6H01 MICROCHIP-MCP6H01_12 Datasheet
1Mb / 46P
1.2 MHz, 16V Op Amps
2010-2011
MCP6H71 MICROCHIP-MCP6H71_12 Datasheet
1Mb / 42P
2.7 MHz, 12V Op Amps
11/29/12
MCP6H81 MICROCHIP-MCP6H81_12 Datasheet
1Mb / 42P
5.5 MHz, 12V Op Amps
2012 11/29/12
MCP6H91 MICROCHIP-MCP6H91_12 Datasheet
1Mb / 42P
10 MHz, 12V Op Amps
2012 11/29/12
MCP6L91 MICROCHIP-MCP6L91_V01 Datasheet
940Kb / 40P
10 MHz, 850 μA Op Amps
Revision C October 2019
MCP6V96 MICROCHIP-MCP6V96 Datasheet
2Mb / 52P
10 MHz, Zero-Drift Op Amps
Revision A November 2020
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com