Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF032B Datasheet (PDF) - Microchip Technology

SST26VF032B Datasheet PDF - Microchip Technology
Part # SST26VF032B
Download  SST26VF032B Download
File Size   2894.86 Kbytes
Page   82 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 2.5V/3.0V 32-Mbit Serial Quad I/O™ (SQI™) Flash Memory

SST26VF032B Datasheet (PDF)

Go To PDF Page Download Datasheet
SST26VF032B Datasheet PDF - Microchip Technology

Part # SST26VF032B
Download  SST26VF032B Click to download

File Size   2894.86 Kbytes
Page   82 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 2.5V/3.0V 32-Mbit Serial Quad I/O™ (SQI™) Flash Memory

SST26VF032B Datasheet (HTML) - Microchip Technology


SST26VF032B Product details

Product Description
The Serial Quad I/O™ (SQI™) family of Flash memory
devices features a six-wire, 4-bit I/O interface that allows for
low-power, high-performance operation in a low pin-count
package. SST26VF032B/032BA also support full command-
set compatibility to traditional Serial Peripheral Interface
(SPI) protocol. System designs using SQI Flash
devices occupy less board space and ultimately lower
system costs.
All members of the 26 Series, SQI family are manufactured
with proprietary, high-performance CMOS SuperFlash®
technology. The split-gate cell design and thick-oxide tunneling
injector attain better reliability and manufacturability
compared with alternate approaches.

Features
• Single Voltage Read and Write Operations:
- 2.7V-3.6V or 2.3V-3.6V
• Serial Interface Architecture:
- Nibble-wide multiplexed I/O’s with SPI-like serial
command structure
- Mode 0 and Mode 3
- x1/x2/x4 Serial Peripheral Interface (SPI) Protocol
• High-Speed Clock Frequency:
- 2.7V-3.6V: 104 MHz maximum
- 2.3V-3.6V: 80 MHz maximum
• Burst Modes:
- Continuous linear burst
- 8/16/32/64 Byte linear burst with wrap-around
• Superior Reliability:
- Endurance: 100,000 Cycles (minimum)
- Greater than 100 years Data Retention
• Low-Power Consumption:
- Active Read current: 15 mA (typical @ 104 MHz)
- Standby Current: 15 μA (typical)
• Fast Erase Time:
- Sector/Block Erase: 18 ms (typ), 25 ms
(maximum)
- Chip Erase: 35 ms (typical), 50 ms (maximum)
• Page-Program:
- 256 bytes per page in x1 or x4 mode
• End-of-Write Detection:
- Software polling BUSY bit in STATUS register
• Flexible Erase Capability:
- Uniform 4-Kbyte sectors
- Four 8-KByte top and bottom parameter overlay
blocks
- One 32-Kbyte top and bottom overlay block
- Uniform 64-Kbyte overlay blocks
• Write-Suspend:
- Suspend Program or Erase operation to access
another block/sector
• Software Reset (RST) mode
• Software Write Protection:
- Individual-Block Write Protection with permanent
lock-down capability
- 64-Kbyte blocks, two 32-Kbyte blocks, and
eight 8-Kbyte parameter blocks
- Read Protection on top and bottom 8-Kbyte
parameter blocks
• Security ID:
- One-Time Programmable (OTP) 2-KByte, Secure ID:
- 64-bit unique, factory preprogrammed identifier
- User-programmable area
• Temperature Range:
- Industrial: -40°C to +85°C
- Industrial Plus: -40°C to +105°C
- Extended: -40°C to +125°C
• Automotive AEC-Q100 Grade 1, Grade 2 and
Grade 3
• Packages Available:
- 8-contact WDFN (6 mm x 5 mm)
- 8-lead SOIJ (5.28 mm)
- 24-ball TBGA (6 mm x 8 mm)
• All Devices are RoHS Compliant




Similar Part No. - SST26VF032B

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST26VF032B MICROCHIP-SST26VF032B Datasheet
927Kb / 77P
2.5V/3.0V 32 Mbit Serial Quad I/O (SQI) Flash Memory
07/14/15
SST26VF032B-104I/MF MICROCHIP-SST26VF032B-104I/MF Datasheet
927Kb / 77P
2.5V/3.0V 32 Mbit Serial Quad I/O (SQI) Flash Memory
07/14/15
SST26VF032B-104I/SM MICROCHIP-SST26VF032B-104I/SM Datasheet
927Kb / 77P
2.5V/3.0V 32 Mbit Serial Quad I/O (SQI) Flash Memory
07/14/15
SST26VF032B-104I/TD MICROCHIP-SST26VF032B-104I/TD Datasheet
927Kb / 77P
2.5V/3.0V 32 Mbit Serial Quad I/O (SQI) Flash Memory
07/14/15
SST26VF032B-104V/MF MICROCHIP-SST26VF032B-104V/MF Datasheet
927Kb / 77P
2.5V/3.0V 32 Mbit Serial Quad I/O (SQI) Flash Memory
07/14/15
More results


Similar Description - SST26VF032B

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST26VF064B MICROCHIP-SST26VF064B Datasheet
1Mb / 76P
3.0V Serial Quad I/O (SQI) Flash Memory
2013
logo
Silicon Storage Technol...
SST26VF016 SST-SST26VF016_13 Datasheet
386Kb / 39P
Serial Quad I/O SQI Flash Memory
logo
Microchip Technology
SST26VF064B MICROCHIP-SST26VF064B_15 Datasheet
3Mb / 85P
2.5V/3.0V 64 Mbit Serial Quad I/O (SQI) Flash Memory
07/14/15
SST26VF032B MICROCHIP-SST26VF032B Datasheet
927Kb / 77P
2.5V/3.0V 32 Mbit Serial Quad I/O (SQI) Flash Memory
07/14/15
SST26VF016B MICROCHIP-SST26VF016B Datasheet
2Mb / 77P
2.5V/3.0V 16 Mbit Serial Quad I/O (SQI) Flash Memory
01/27/15
SST26VF080A MICROCHIP-SST26VF080A Datasheet
792Kb / 72P
2.5V/3.0V 8-Mbit Serial Quad I/O??(SQI?? Flash Memory
02/28/20
SST26VF040A MICROCHIP-SST26VF040A Datasheet
781Kb / 73P
2.5V/3.0V 4-Mbit Serial Quad I/O??(SQI?? Flash Memory
02/28/20
SST26VF064B MICROCHIP-SST26VF064B_V01 Datasheet
1Mb / 90P
2.5V/3.0V 64-Mbit Serial Quad I/O??(SQI?? Flash Memory
09/14/21
SST26VF020A MICROCHIP-SST26VF020A Datasheet
2Mb / 74P
2.5V/3.0V 2-Mbit Serial Quad I/O™ (SQI™) Flash Memory
Revision C / October 2021
SST26VF032BEUI MICROCHIP-SST26VF032BEUI Datasheet
3Mb / 76P
32 Mbit Serial Quad I/O (SQI) Flash Memory with EUI-48™ and EUI-64™ Identifier
Revision A / Jan 2019
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com