Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD54AC138 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
CD54AC138 Datasheet PDF - Texas Instruments
Part # CD54AC138
Download  CD54AC138 Download
File Size   2445.68 Kbytes
Page   30 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description CDx4AC138 3-Line to 8-Line Decoders/Demultiplexers

CD54AC138 Datasheet (PDF)

Go To PDF Page Download Datasheet
CD54AC138 Datasheet PDF - Texas Instruments

Part # CD54AC138
Download  CD54AC138 Click to download

File Size   2445.68 Kbytes
Page   30 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description CDx4AC138 3-Line to 8-Line Decoders/Demultiplexers

CD54AC138 Datasheet (HTML) - Texas Instruments


CD54AC138 Product details

1 Features
• AC types feature 1.5V to 5.5V operation and
balanced noise immunity at 30% of the supply
voltage
• Speed of bipolar F, AS, and S, with significantly
reduced power consumption
• Designed specifically for high-speed memory
decoders and data-transmission systems
• Incorporate three enable inputs to simplify
cascading and/or data reception
• Balanced propagation delays
• ±24mA output drive current
– Fanout to 15 F Devices
• SCR-latchup-resistant CMOS process and circuit
design
• Exceeds 2kV ESD protection per MIL-STD-883,
method 3015

2 Description
The ’AC138 decoders/demultiplexers are designed for
high-performance memory-decoding and data-routing
applications that require very short propagation-delay
times. In high-performance memory systems, these
decoders can be used to minimize the effects of
system decoding.




Similar Part No. - CD54AC138

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54AC138 TI-CD54AC138 Datasheet
39Kb / 7P
3-to-8-Line Decoders/Demultiplexers
CD54AC138 TI1-CD54AC138 Datasheet
927Kb / 17P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
CD54AC1383A TI-CD54AC1383A Datasheet
39Kb / 7P
3-to-8-Line Decoders/Demultiplexers
CD54AC138F3A TI-CD54AC138F3A Datasheet
39Kb / 7P
3-to-8-Line Decoders/Demultiplexers
CD54AC138F3A TI1-CD54AC138F3A Datasheet
927Kb / 17P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
More results


Similar Description - CD54AC138

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54AC11238 TI-54AC11238 Datasheet
114Kb / 9P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74AHC138 TI-SN74AHC138 Datasheet
683Kb / 2P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54ALS138A TI-SN54ALS138A_08 Datasheet
826Kb / 20P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
logo
Renesas Technology Corp
HD74LS138 RENESAS-HD74LS138 Datasheet
100Kb / 8P
3-Line-to-8-Line Decoders / Demultiplexers
logo
Texas Instruments
SN54LVC138A TI-SN54LVC138A_10 Datasheet
821Kb / 25P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74HC238 TI1-SN74HC238 Datasheet
145Kb / 5P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SNJ54HCT138J TI1-SNJ54HCT138J Datasheet
1Mb / 21P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
74AC11238D TI-74AC11238D Datasheet
111Kb / 9P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54LS138 TI1-SN54LS138_15 Datasheet
1Mb / 22P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54LVC138A TI1-SN54LVC138A_15 Datasheet
1Mb / 34P
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com