Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74AC238 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
CD74AC238 Datasheet PDF - Texas Instruments
Part # CD74AC238
Download  CD74AC238 Download
File Size   2245.32 Kbytes
Page   29 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description CD74AC238 3-Line to 8-Line Decoder/Demultiplexer

CD74AC238 Datasheet (PDF)

Go To PDF Page Download Datasheet
CD74AC238 Datasheet PDF - Texas Instruments

Part # CD74AC238
Download  CD74AC238 Click to download

File Size   2245.32 Kbytes
Page   29 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description CD74AC238 3-Line to 8-Line Decoder/Demultiplexer

CD74AC238 Datasheet (HTML) - Texas Instruments


CD74AC238 Product details

1 Features
• AC types feature 1.5V to 5.5V operation and
balanced noise immunity at 30% of the supply
voltage
• Speed of bipolar F, AS, and S, with significantly
reduced power consumption
• Designed specifically for high-speed memory
decoders and data-transmission systems
• Incorporates three enable inputs to simplify
cascading and/or data reception
• Balanced propagation delays
• ±24mA output drive current
– Fanout to 15 F devices
• SCR-latchup-resistant CMOS process and circuit
design
• Exceeds 2kV ESD protection per MIL-STD-883,
method 3015

2 Description
The CD74AC238 decoder/demultiplexer is designed
for high-performance memory-decoding and datarouting
applications that require very short
propagation-delay times. In high-performance
memory systems, this decoder can be used to
minimize the effects of system decoding.




Similar Part No. - CD74AC238

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74AC238 TI-CD74AC238 Datasheet
39Kb / 7P
3-to-8-Line Decoders/Demultiplexers
CD74AC238 TI-CD74AC238 Datasheet
219Kb / 8P
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
CD74AC238 TI1-CD74AC238 Datasheet
779Kb / 14P
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
CD74AC238-MIL TI1-CD74AC238-MIL Datasheet
779Kb / 14P
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
CD74AC238E TI-CD74AC238E Datasheet
39Kb / 7P
3-to-8-Line Decoders/Demultiplexers
More results


Similar Description - CD74AC238

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11138 TI-74AC11138 Datasheet
127Kb / 8P
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
REVISED APRIL 1996
logo
Mitsubishi Electric Sem...
M74LS138P MITSUBISHI-M74LS138P Datasheet
215Kb / 4P
3-LINE TO 8-LINE DECODER / DEMULTIPLEXER
logo
Texas Instruments
74ACT11238 TI-74ACT11238 Datasheet
96Kb / 7P
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN74LV138AT TI1-SN74LV138AT Datasheet
867Kb / 20P
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN74LVC138A-EP TI1-SN74LVC138A-EP Datasheet
612Kb / 13P
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN74AHCT138-EP TI1-SN74AHCT138-EP Datasheet
463Kb / 11P
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN74AHCT138Q-Q1 TI1-SN74AHCT138Q-Q1 Datasheet
275Kb / 12P
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN74LVC138A-Q1 TI1-SN74LVC138A-Q1_15 Datasheet
808Kb / 14P
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN74LV138AT TI1-SN74LV138AT_15 Datasheet
984Kb / 19P
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN54HCT138 TI1-SN54HCT138_16 Datasheet
1Mb / 20P
3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com