Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1521065 Datasheet (PDF) - PHOENIX CONTACT

1521065 Datasheet PDF - PHOENIX CONTACT
Part # 1521065
Download  1521065 Download
File Size   254.67 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description CC-AT62-S20-R16/18-AU - Crimp contact

1521065 Datasheet (PDF)

Go To PDF Page Download Datasheet
1521065 Datasheet PDF - PHOENIX CONTACT

Part # 1521065
Download  1521065 Click to download

File Size   254.67 Kbytes
Page   5 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description CC-AT62-S20-R16/18-AU - Crimp contact

1521065 Datasheet (HTML) - PHOENIX CONTACT


1521065 Product details

Crimp contact, contact diameter: 1 mm, turned, Socket, contact material: Copper alloy,
contact surface: gold-plated, connection cross section: 0.75 mm2 ... 1.5 mm2, AWG 18 ... 16




Similar Part No. - 1521065

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1521060000 WEIDMULLER-1521060000 Datasheet
1Mb / 18P
BLF 5.08HC/17/180 SN OR BX
logo
PHOENIX CONTACT
1521064 PHOENIX-1521064 Datasheet
256Kb / 6P
CC-AT62-S20-R16/18-NI - Crimp contact
1521068 PHOENIX-1521068 Datasheet
256Kb / 6P
CC-AT62-S20-R20-NI - Crimp contact
More results


Similar Description - 1521065

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1674480 PHOENIX-1674480 Datasheet
61Kb / 2P
Crimp contact - CK1,6-ED-0,50BU AU
1674778 PHOENIX-1674778 Datasheet
52Kb / 3P
Crimp contact - CK2,5-ED-1,50ST AU
1674817 PHOENIX-1674817 Datasheet
52Kb / 3P
Crimp contact - CK2,5-ED-2,50ST AU
1674846 PHOENIX-1674846 Datasheet
54Kb / 3P
Crimp contact - CK2,5-ED-4,00BU AU
logo
HARTING Technology Grou...
09-33-000-6218 HARTING-09-33-000-6218 Datasheet
469Kb / 2P
Han E F Crimp Contact Au 1.0 mm짼/ 18 AWG
09-33-000-6118 HARTING-09-33-000-6118 Datasheet
467Kb / 2P
Han E M Crimp Contact Au 1.0 mm짼/ 18 AWG
09-15-000-6222 HARTING-09-15-000-6222 Datasheet
445Kb / 2P
Han D F Crimp Contact Au AWG 18
logo
PHOENIX CONTACT
1452356 PHOENIX-1452356 Datasheet
47Kb / 2P
Crimp contact - CC-1,0-ST-0,34-MS AU
1452372 PHOENIX-1452372 Datasheet
47Kb / 2P
Crimp contact - CC-0,8-ST-0,34-MS AU
1239798 PHOENIX-1239798 Datasheet
189Kb / 5P
CC-1,0-ST-0,34-MS AUX - Crimp contact
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com