Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XPP Datasheet (PDF) - Cree LED

XPP Datasheet PDF - Cree LED
Part # XPP
Download  XPP Download
File Size   2539.07 Kbytes
Page   24 Pages
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED
Description XLamp® XP-P LEDs

XPP Datasheet (PDF)

Go To PDF Page Download Datasheet
XPP Datasheet PDF - Cree LED

Part # XPP
Download  XPP Click to download

File Size   2539.07 Kbytes
Page   24 Pages
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED
Description XLamp® XP-P LEDs

XPP Datasheet (HTML) - Cree LED


XPP Product details

FEATURES
• ANSI-compatible chromaticity bins
• Maximum drive current: 3000 mA
• Low thermal resistance: 2.3 °C/W
• Wide viewing angle: 115°
• Unlimited floor life at ≤ 30 ºC/85% RH
• Reflow solderable - JEDEC J‑STD‑020C
• Electrically neutral thermal path
• RoHS and REACH compliant
• UL® recognized component (E349212)




Similar Part No. - XPP

ManufacturerPart #DatasheetDescription
logo
Clarke International
XPP15 CLARKE-XPP15 Datasheet
3Mb / 16P
50L ENGINE DRIVEN AIR COMPRESSOR
LS0118 - ISS 1
logo
Renesas Technology Corp
XPP315 RENESAS-XPP315 Datasheet
1Mb / 25P
XP Family of Ultra-low Phase Noise Quartz-based PLL Oscillators
February 10, 2022
XPP316 RENESAS-XPP316 Datasheet
1Mb / 25P
XP Family of Ultra-low Phase Noise Quartz-based PLL Oscillators
February 10, 2022
XPP325 RENESAS-XPP325 Datasheet
1Mb / 25P
XP Family of Ultra-low Phase Noise Quartz-based PLL Oscillators
February 10, 2022
XPP326 RENESAS-XPP326 Datasheet
1Mb / 25P
XP Family of Ultra-low Phase Noise Quartz-based PLL Oscillators
February 10, 2022
More results


Similar Description - XPP

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XPCWHT-L1-0000-00A01 CREE-XPCWHT-L1-0000-00A01 Datasheet
1Mb / 18P
XLamp XP-C LEDs
Rev 9A
XPEBWT-L1-0000-00C51 CREE-XPEBWT-L1-0000-00C51_14 Datasheet
1Mb / 17P
XLamp XP-E2 LEDs
Rev 5
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01 Datasheet
1Mb / 18P
XLamp XP-E LEDs
Rev 18A
XP-E2 CREE-XP-E2 Datasheet
2Mb / 39P
Cree XLamp XP-E2 LEDs
Rev 9A
XP-G3 CREE-XP-G3 Datasheet
2Mb / 33P
Cree XLamp XP-G3 LEDs
Rev 0E
XP-L CREE-XP-L Datasheet
2Mb / 35P
Cree XLamp XP-L LEDs
Rev 4D
XLAMP-XPG3 CREE-XLAMP-XPG3 Datasheet
2Mb / 49P
XLamp® XP-G3 LEDs
REV 11
XPCWHT-L1-0000-00A01 CREE-XPCWHT-L1-0000-00A01_V01 Datasheet
1Mb / 31P
XLamp® XP-C LEDs
2008-2021
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
Cree® XLamp® XP-E LEDs
2008-2018
logo
Cree LED
XP-G3 CREELED-XP-G3 Datasheet
1Mb / 48P
XLamp® XP-G3 LEDs
REV 9
More results




About Cree LED


Cree LED is a product line of LED lighting products offered by Cree, Inc., a semiconductor company based in Durham, North Carolina. Cree LED lighting products include bulbs, fixtures, and chips, which are used in a variety of applications, including residential, commercial, and industrial lighting.

Cree LED lighting products are known for their high quality, energy efficiency, and long lifespan. The company's LED bulbs are designed to last up to 25 times longer than traditional incandescent bulbs, while using up to 85% less energy. Cree LED fixtures offer a range of options for different applications, including indoor and outdoor lighting, and are known for their high efficiency, superior light quality, and long lifespan.

In addition to its LED lighting products, Cree also offers a range of wide bandgap semiconductors, including silicon carbide (SiC) and gallium nitride (GaN) devices, as well as power electronics products, that are used in a variety of applications, including automotive, aerospace, and defense. Cree is committed to developing new and innovative products that meet the evolving needs of its customers, and has received numerous awards for its technology and innovation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com