Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XTE Datasheet (PDF) - Cree LED

XTE Datasheet PDF - Cree LED
Part # XTE
Download  XTE Download
File Size   4654.92 Kbytes
Page   58 Pages
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED
Description XLamp® XT-E LEDs

XTE Datasheet (PDF)

Go To PDF Page Download Datasheet
XTE Datasheet PDF - Cree LED

Part # XTE
Download  XTE Click to download

File Size   4654.92 Kbytes
Page   58 Pages
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED
Description XLamp® XT-E LEDs

XTE Datasheet (HTML) - Cree LED


XTE Product details

FEATURES
• Maximum Vf for High Efficacy XT-E White: 2.85 V
• Available in 70-, 80- and 90-CRI minimum white
• Binned at 85 °C
• Available in 2200 K CCT
• Thermal resistance: White 2.8 °C/W, Royal Blue 2.0 °C/W
• Wide viewing angle: White 115°, Royal Blue 130°
• Maximum drive current: White 1.5 A, Royal Blue 1.5 A
• Electrically neutral thermal path
• Vf binning supported for XT-E White and Royal Blue
• XT-E Royal Blue sorted into 2.5‑nm‑wavelength bins
• Unlimited floor life at ≤ 30 ºC/85% RH
• Reflow solderable - JEDEC J‑STD‑020C compatible
• RoHS and REACH compliant
• UL® recognized component (E349212)




Similar Part No. - XTE

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
XTE MARKTECH-XTE Datasheet
594Kb / 2P
Maximum Drive Current: 1.5A
XTE-HV MARKTECH-XTE-HV Datasheet
595Kb / 2P
Cree XTE-HV Series on Board
XTE-HV MARKTECH-XTE-HV_15 Datasheet
595Kb / 2P
Cree XTE-HV Series on Board
XTE-WHITE MARKTECH-XTE-WHITE Datasheet
590Kb / 2P
Cree XTE Series on Board
XTE-WHITE MARKTECH-XTE-WHITE_15 Datasheet
590Kb / 2P
Cree XTE Series on Board
More results


Similar Description - XTE

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01 Datasheet
1Mb / 18P
XLamp XP-E LEDs
Rev 18A
XQEAWT-00-0000-00000LEE1 CREE-XQEAWT-00-0000-00000LEE1 Datasheet
1Mb / 16P
XLamp XQ-E LEDs
Rev 1
XTEAWT-00-0000-000000F51 CREE-XTEAWT-00-0000-000000F51 Datasheet
1Mb / 17P
XLamp XT-E LEDs
Rev 10C
XT-E CREE-XT-E Datasheet
2Mb / 45P
Cree XLamp XT-E LEDs
Rev 14C
XT-E-HV CREE-XT-E-HV Datasheet
2Mb / 26P
XLamp XT-E High-Voltage White LEDs
REV 14
XLAMP-XPG3 CREE-XLAMP-XPG3 Datasheet
2Mb / 49P
XLamp® XP-G3 LEDs
REV 11
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
Cree® XLamp® XP-E LEDs
2008-2018
logo
Cree LED
XP-G3 CREELED-XP-G3 Datasheet
1Mb / 48P
XLamp® XP-G3 LEDs
REV 9
XQ-E CREELED-XQ-E Datasheet
2Mb / 56P
XLamp® XQ-E LEDs
REV 12C
MLEAWT-A1-0000-0005DT CREELED-MLEAWT-A1-0000-0005DT Datasheet
1Mb / 47P
XLamp® ML-E LEDs
2023
More results




About Cree LED


Cree LED is a product line of LED lighting products offered by Cree, Inc., a semiconductor company based in Durham, North Carolina. Cree LED lighting products include bulbs, fixtures, and chips, which are used in a variety of applications, including residential, commercial, and industrial lighting.

Cree LED lighting products are known for their high quality, energy efficiency, and long lifespan. The company's LED bulbs are designed to last up to 25 times longer than traditional incandescent bulbs, while using up to 85% less energy. Cree LED fixtures offer a range of options for different applications, including indoor and outdoor lighting, and are known for their high efficiency, superior light quality, and long lifespan.

In addition to its LED lighting products, Cree also offers a range of wide bandgap semiconductors, including silicon carbide (SiC) and gallium nitride (GaN) devices, as well as power electronics products, that are used in a variety of applications, including automotive, aerospace, and defense. Cree is committed to developing new and innovative products that meet the evolving needs of its customers, and has received numerous awards for its technology and innovation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com