Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS28EC20 Datasheet (PDF) - Analog Devices

DS28EC20 Datasheet PDF - Analog Devices
Part # DS28EC20
Download  DS28EC20 Download
File Size   683.25 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 20Kb 1-Wire EEPROM

DS28EC20 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS28EC20 Datasheet PDF - Analog Devices

Part # DS28EC20
Download  DS28EC20 Click to download

File Size   683.25 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 20Kb 1-Wire EEPROM

DS28EC20 Datasheet (HTML) - Analog Devices


DS28EC20 Product details

GENERAL DESCRIPTION
The DS28EC20 is a 20480-bit, 1-Wire® EEPROM organized as 80 memory pages of 256 bits each. An additional page is set aside for control functions. Data is written to a 32-byte scratchpad, verified, and then copied to the EEPROM memory. As a special feature, blocks of eight memory pages can be write protected or put in EPROM-Emulation mode, where bits can only be changed from a 1 to a 0 state. The DS28EC20 communicates over the single-conductor 1-Wire bus. The communication follows the standard1-Wire protocol. Each device has its own unalterableand unique 64-bit ROM registration number. Theregistration number is used to address the device ina multidrop 1-Wire net environment.

FEATURES
20480 Bits of Nonvolatile (NV) EEPROMPartitioned into Eighty 256-Bit Pages
Individual 8-Page Groups of Memory Pages(Blocks) Can Be Permanently Write Protected orPut in OTP EPROM-Emulation Mode ("Write to 0")
Read and Write Access Highly Backward-Compatible to Legacy Devices (e.g., DS2433)
256-Bit Scratchpad with Strict Read/WriteProtocols Ensures Integrity of Data Transfer
200k Write/Erase Cycle Endurance at +25°C
Unique, Factory-Programmed, 64-BitRegistration Number Ensures Error-Free DeviceSelection and Absolute Part Identity
Switchpoint Hysteresis and Filtering to OptimizePerformance in the Presence of Noise
Communicates to Host at 15.4kbps or 90kbpsUsing 1-Wire Protocol
Low-Cost TO-92 Package
Operating Range: 4V to 5.25V, -40°C to +85°C
Operating Range: 3.135V to 3.465V,0°C to +70°C
Enhanced ESD Protection

APPLICATIONS
Device Authentication
IEEE 1451.4 Sensor TEDS
Ink/Toner Cartridges
Medical Sensors
PCB Identification
Wireless Base Stations




Similar Part No. - DS28EC20

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS28EC20 DALLAS-DS28EC20 Datasheet
269Kb / 24P
20Kb 1-Wire EEPROM
logo
Maxim Integrated Produc...
DS28EC20 MAXIM-DS28EC20 Datasheet
457Kb / 27P
20Kb 1-Wire EEPROM
REV: 040109
DS28EC20 MAXIM-DS28EC20 Datasheet
411Kb / 27P
20Kb 1-Wire EEPROM
Rev 4; 3/12
logo
Dallas Semiconductor
DS28EC20+ DALLAS-DS28EC20+ Datasheet
269Kb / 24P
20Kb 1-Wire EEPROM
logo
Maxim Integrated Produc...
DS28EC20+ MAXIM-DS28EC20+ Datasheet
457Kb / 27P
20Kb 1-Wire EEPROM
REV: 040109
More results


Similar Description - DS28EC20

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2430A DALLAS-DS2430A Datasheet
357Kb / 16P
256-Bit 1-Wire EEPROM
DS28EC20 DALLAS-DS28EC20 Datasheet
269Kb / 24P
20Kb 1-Wire EEPROM
logo
Maxim Integrated Produc...
DS28EC20 MAXIM-DS28EC20 Datasheet
457Kb / 27P
20Kb 1-Wire EEPROM
REV: 040109
DS24B33_1105 MAXIM-DS24B33_1105 Datasheet
289Kb / 22P
1-Wire 4Kb EEPROM
Rev 1; 5/11
DS28EC20 MAXIM-DS28EC20_11 Datasheet
186Kb / 27P
20Kb 1-Wire EEPROM
Rev 3; 11/11
DS24B33_1203 MAXIM-DS24B33_1203 Datasheet
352Kb / 22P
1-Wire 4Kb EEPROM
Rev 2; 3/12
DS28EC20_1203 MAXIM-DS28EC20_1203 Datasheet
411Kb / 27P
20Kb 1-Wire EEPROM
Rev 4; 3/12
DS24B33_1205 MAXIM-DS24B33_1205 Datasheet
265Kb / 23P
1-Wire 4Kb EEPROM
Rev 3; 5/12
DS2433-Z01 MAXIM-DS2433-Z01 Datasheet
215Kb / 2P
4kbit 1-Wire EEPROM
32000
DS2433 MAXIM-DS2433 Datasheet
701Kb / 23P
4Kb 1-Wire EEPROM
19-5581; 10/10
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com