Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FIDO5200 Datasheet (PDF) - Analog Devices

FIDO5200 Datasheet PDF - Analog Devices
Part # FIDO5200
Download  FIDO5200 Download
File Size   605.63 Kbytes
Page   21 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Real-Time Ethernet Multiprotocol (REM) Switch

FIDO5200 Datasheet (PDF)

Go To PDF Page Download Datasheet
FIDO5200 Datasheet PDF - Analog Devices

Part # FIDO5200
Download  FIDO5200 Click to download

File Size   605.63 Kbytes
Page   21 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Real-Time Ethernet Multiprotocol (REM) Switch

FIDO5200 Datasheet (HTML) - Analog Devices


FIDO5200 Product details

FEATURES
► 2 independent Ethernet ports: 1 MII and 1 RMII interface per port
► Support for all industrial protocols
► PROFINET Class B and Class C
► EtherNet/IP, CIP Sync, and CIP Motion
► Modbus TCP
► EtherCAT
► Host interface transfer rate: 32 bits per 28 ns
► PI Net Load Class III capable
► DLR MRP
► IEEE 802.3, 10 Mbps/100 Mbps, half and full duplex, IPv6 and
IPv4 communication
► IEEE 1588 Version 2 support: ordinary clock; both peer to peer
and end to end transparent clocks, raw frames, and UDP
► 8 independent timer signals synchronized with an internal precision
timer
► 4 independently programmable timer signals for timer capture
events or timer output events
► 4 timer signals create programmable periodic waveforms
synchronized to the internal precision timer
► DCP, LLDP, DHCP, RSTP, VLAN, IGMP snooping support
► Forwarding table with aging and learning
► Drive LEDs for link activity
► −40°C to +105°C industrial temperature range rating
► 144-lead CSP_BGA RoHS compliant package

APPLICATIONS
► Industrial automation
► Process control
► Instrumentation
► Intelligent buildings




Similar Part No. - FIDO5200

ManufacturerPart #DatasheetDescription
logo
Analog Devices
FIDO5200 AD-FIDO5200 Datasheet
378Kb / 19P
Real-Time Ethernet Multiprotocol (REM) Switch
3/2020-Rev. D to Rev. E
FIDO5200BBCZ AD-FIDO5200BBCZ Datasheet
378Kb / 19P
Real-Time Ethernet Multiprotocol (REM) Switch
3/2020-Rev. D to Rev. E
FIDO5200CBCZ AD-FIDO5200CBCZ Datasheet
378Kb / 19P
Real-Time Ethernet Multiprotocol (REM) Switch
3/2020-Rev. D to Rev. E
More results


Similar Description - FIDO5200

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
RTC-8593SA EPSONTOYOCOM-RTC-8593SA Datasheet
377Kb / 2P
Real time clock
logo
National Instruments Co...
NICFP-21XX NI-NICFP-21XX Datasheet
408Kb / 6P
Compact FieldPoint LabVIEW Real-Time Controllers with Ethernet
NICFP-2020 NI-NICFP-2020 Datasheet
46Kb / 4P
LabVIEW Real-Time Controller Interfaces with Ethernet
logo
STMicroelectronics
ST802RT1B STMICROELECTRONICS-ST802RT1B Datasheet
596Kb / 58P
10/100 real-time Ethernet 3.3 V transceiver
02-Feb-2010
logo
Advantech Co., Ltd.
ADAM-6117 ADVANTECH-ADAM-6117 Datasheet
339Kb / 1P
8-ch Isolated Analog Input Real-time Ethernet Module
ADAM-6160 ADVANTECH-ADAM-6160 Datasheet
365Kb / 1P
6-ch Relay Real-time Ethernet Module
logo
STMicroelectronics
ST802RT1AFR STMICROELECTRONICS-ST802RT1AFR Datasheet
590Kb / 58P
10/100 real-time Ethernet 3.3 V transceiver
02-Feb-2010
logo
Advantech Co., Ltd.
ADAM-6117 ADVANTECH-ADAM-6117_14 Datasheet
252Kb / 1P
8-ch Isolated Analog Input Real-time Ethernet Module
logo
Red Lion Controls. Inc
ET-DS REDLION-ET-DS Datasheet
494Kb / 2P
Ethernet Real-Time Device Servers
logo
Analog Devices
FIDO5200 AD-FIDO5200 Datasheet
378Kb / 19P
Real-Time Ethernet Multiprotocol (REM) Switch
3/2020-Rev. D to Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com