Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8337 Datasheet (PDF) - Analog Devices

LT8337 Datasheet PDF - Analog Devices
Part # LT8337
Download  LT8337 Download
File Size   1377.51 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 40V, 9A, Low IQ Synchronous Step-Up Silent Switcher with Input Disconnect and PassThru

LT8337 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT8337 Datasheet PDF - Analog Devices

Part # LT8337
Download  LT8337 Click to download

File Size   1377.51 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 40V, 9A, Low IQ Synchronous Step-Up Silent Switcher with Input Disconnect and PassThru

LT8337 Datasheet (HTML) - Analog Devices


LT8337 Product details

FEATURES
 Silent Switcher™ Architecture
 Ultralow EMI Emissions
 Optional Spread Spectrum Frequency
Modulation
 Integrated 40V, 9A Power Switches
 Output Short Protection/Inrush Current Reduction
 Wide Input Voltage Range: 2.8V to 40V
 Output Voltage Programmable up to 36V
 Optional 2 Pins select 21 output voltages
 Low VIN Pin Quiescent Current:
 350nA In Shutdown; 9μA In Burst Mode;
12μA In PassThru™ (VIN ≥ VOUT)
 100% Duty Cycle Capability
 Adjustable and Synchronizable: 300kHz to 3MHz
 Pulse-Skipping or Burst Mode at Light Load
 Output Soft-Start and Power Good Monitoring
 Small 24-Lead (4mm × 4mm) LQFN Package

APPLICATIONS
 Automotive and Industrial Power Supplies
 General Purpose Step-Up




Similar Part No. - LT8337

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT8337 AD-LT8337 Datasheet
1Mb / 24P
28V, 5A Low IQ Synchronous Step-Up Silent Switcher with PassThru
LT8337 AD-LT8337 Datasheet
808Kb / 29P
8V, 12A, 2-Phase Low IQ Synchronous Boost Converter
Rev B
LT8337-1 AD-LT8337-1 Datasheet
1Mb / 24P
28V, 5A Low IQ Synchronous Step-Up Silent Switcher with PassThru
LT8337-1 AD-LT8337-1 Datasheet
808Kb / 29P
8V, 12A, 2-Phase Low IQ Synchronous Boost Converter
Rev B
LT8337EV#PBF AD-LT8337EV#PBF Datasheet
1Mb / 24P
28V, 5A Low IQ Synchronous Step-Up Silent Switcher with PassThru
More results


Similar Description - LT8337

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8640 LINER-LT8640 Datasheet
295Kb / 6P
42V, 5A Micropower Synchronous Step-Down Silent Switcher
LT8646S LINER-LT8646S Datasheet
570Kb / 8P
65V, 8A Synchronous Step-Down Silent Switcher 2
LT8642S LINER-LT8642S Datasheet
1Mb / 26P
18V, 10A Synchronous Step-Down Silent Switcher 2
logo
Monolithic Power System...
EV3423-G-00A MPS-EV3423-G-00A Datasheet
409Kb / 7P
9A, 600kHz Synchronous Step-up Converter with Output Disconnect Evaluation Board
logo
Analog Devices
LT8640S-2 AD-LT8640S-2 Datasheet
2Mb / 30P
42V, 6A Synchronous Step-Down Silent Switcher
LTC3309A AD-LTC3309A Datasheet
2Mb / 24P
5V, 6A Synchronous Step-Down Silent Switcher
LT8337 AD-LT8337 Datasheet
1Mb / 24P
28V, 5A Low IQ Synchronous Step-Up Silent Switcher with PassThru
LT8386 AD-LT8386 Datasheet
2Mb / 28P
60V, 3A Silent Switcher Synchronous, Step-Up LED Driver
LT8644S AD-LT8644S Datasheet
1Mb / 22P
8V, 16A Synchronous Step-Down Silent Switcher 2
LT8642-1 AD-LT8642-1 Datasheet
1Mb / 26P
18V, 10A Synchronous Step-Down Silent Switcher
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com