Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM2881 Datasheet (PDF) - Analog Devices

LTM2881 Datasheet PDF - Analog Devices
Part # LTM2881
Download  LTM2881 Download
File Size   1427.09 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Isolated USB Transceiver with Isolated Power

LTM2881 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTM2881 Datasheet PDF - Analog Devices

Part # LTM2881
Download  LTM2881 Click to download

File Size   1427.09 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Isolated USB Transceiver with Isolated Power

LTM2881 Datasheet (HTML) - Analog Devices


LTM2881 Product details

FEATURES
- LTM2884: 2500VRMS for 1 Minute
- LTM2884(a): 3000VRMS for 1 Minute
- LTM2884: UL Recognized File #E151738
- LTM2884(a): CSA Recognized File #255632
- USB 2.0 Full Speed and Low Speed Compatible
- Integrated Isolated DC/DC Converter, External or
Bus Powered
- Auto-Configuration of Bus Speed
- 2.5W (500mA at 5V) Output Power from External
Input Supply (VCC = 8.6V to 16.5V)
- 1W (200mA at 5V) Output Power from USB Bus
Supply (VBUS)
- 3.3V LDO Output Supply Signal References VLO, VLO2
- High Common Mode Transient Immunity: 30kV/μs
- ESD: ±15kV HBM on USB Interface Pins
- 15mm × 15mm × 5mm Surface Mount BGA Package

APPLICATIONS
- Isolated USB Interfaces
- Host, Hub, or Device Isolation
- Industrial/Medical Data Acquisition




Similar Part No. - LTM2881

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM2881 LINER-LTM2881 Datasheet
327Kb / 20P
Complete Isolated RS485/RS422 關Module Transceiver Power
LTM2881 LINER-LTM2881 Datasheet
462Kb / 22P
Complete Isolated RS485/RS422 關Module Transceiver Power
LTM2881 LINER-LTM2881 Datasheet
340Kb / 18P
20Mbps RS485 Transceivers
LTM2881 LINER-LTM2881 Datasheet
398Kb / 24P
Complete Isolated RS485/RS422 關Module
LTM2881 LINER-LTM2881 Datasheet
759Kb / 36P
SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
More results


Similar Description - LTM2881

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1535 LINER-LTC1535 Datasheet
226Kb / 12P
Isolated RS485 Transceiver
LTC1535 LINER-LTC1535_1 Datasheet
247Kb / 16P
Isolated RS485 Transceiver
LTC1535 LINER-LTC1535_2 Datasheet
263Kb / 18P
Isolated RS485 Transceiver
logo
Texas Instruments
ISO1050 TI-ISO1050_10 Datasheet
773Kb / 23P
ISOLATED CAN TRANSCEIVER
ISO1050_101 TI-ISO1050_101 Datasheet
822Kb / 24P
ISOLATED CAN TRANSCEIVER
ISO1050 TI1-ISO1050_13 Datasheet
1Mb / 33P
ISOLATED CAN TRANSCEIVER
logo
Linear Technology
LTM2884 LINER-LTM2884_15 Datasheet
423Kb / 24P
Isolated USB Transceiver with Isolated Power
LTM2884 LINER-LTM2884 Datasheet
707Kb / 24P
Isolated USB Transceiver with Isolated Power
LTM2894 LINER-LTM2894 Datasheet
401Kb / 16P
Isolated USB Data Transceiver
logo
Guangzhou Reicu Electro...
RS3485C REICU-RS3485C Datasheet
3Mb / 1P
Isolated transceiver module
REV:18.2
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com