Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C503C-WAS-WAN Datasheet (PDF) - Cree LED

C503C-WAS-WAN Datasheet PDF - Cree LED
Part # C503C-WAS-WAN
Download  C503C-WAS-WAN Download
File Size   1054.8 Kbytes
Page   11 Pages
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED
Description C503C-WAS/WAN: 5-mm Round White LEDs

C503C-WAS-WAN Datasheet (PDF)

Go To PDF Page Download Datasheet
C503C-WAS-WAN Datasheet PDF - Cree LED

Part # C503C-WAS-WAN
Download  C503C-WAS-WAN Click to download

File Size   1054.8 Kbytes
Page   11 Pages
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED
Description C503C-WAS/WAN: 5-mm Round White LEDs

C503C-WAS-WAN Datasheet (HTML) - Cree LED


C503C-WAS-WAN Product details

APPLICATIONS
• Torch
• Channel Letter
• Retail Display Lighting

FEATURES
• Size (mm): 5
• Color Temperatures:
Cool White :
Min . (4600K) / Typical (9000K)
• Luminous Intensity (mcd)
C503C-WAS/WAN:
(20150-46100)
• Viewing angles:
15°: C503C-WAS/WAN
• Lead - Free
• RoHS Compliant




Similar Part No. - C503C-WAS-WAN

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C503C-WAS-CBaDa151 CREE-C503C-WAS-CBaDa151 Datasheet
722Kb / 9P
5-mm Round LED
logo
Marktech Corporate
C503C-WAS-CBaDa151 MARKTECH-C503C-WAS-CBaDa151 Datasheet
722Kb / 9P
Cree짰 5-mm Round LED
logo
Cree, Inc
C503C-WAS-CBaDa152 CREE-C503C-WAS-CBaDa152 Datasheet
722Kb / 9P
5-mm Round LED
logo
Marktech Corporate
C503C-WAS-CBaDa152 MARKTECH-C503C-WAS-CBaDa152 Datasheet
722Kb / 9P
Cree짰 5-mm Round LED
logo
Cree, Inc
C503C-WAS-CBbDa231 CREE-C503C-WAS-CBbDa231 Datasheet
722Kb / 9P
5-mm Round LED
More results


Similar Description - C503C-WAS-WAN

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
T1C1-4VXC EVERLIGHT-T1C1-4VXC Datasheet
108Kb / 9P
5 mm Round White LED (T-13/4)
T2C1-1SUB EVERLIGHT-T2C1-1SUB Datasheet
111Kb / 9P
5 mm Round White LED (T-13/4)
T2C2-1SUB EVERLIGHT-T2C2-1SUB Datasheet
107Kb / 8P
5 mm Round White LED (T-13/4)
T2C2-1TVB EVERLIGHT-T2C2-1TVB Datasheet
109Kb / 9P
5 mm Round White LED (T-13/4)
T2C3-1QSB EVERLIGHT-T2C3-1QSB Datasheet
107Kb / 8P
5 mm Round White LED (T-13/4)
T2C3-1RTB EVERLIGHT-T2C3-1RTB Datasheet
107Kb / 8P
5 mm Round White LED (T-13/4)
T8C1-4VYE EVERLIGHT-T8C1-4VYE Datasheet
94Kb / 9P
5 mm Round White LED (T-13/4)
logo
Cree, Inc
C503B-RAS CREE-C503B-RAS Datasheet
533Kb / 8P
5-mm Red and Amber Round LEDs
logo
Marktech Corporate
C503B-R-A MARKTECH-C503B-R-A Datasheet
815Kb / 13P
5-mm Red and Amber Round LEDs
C503B-R-A MARKTECH-C503B-R-A_15 Datasheet
815Kb / 13P
5-mm Red and Amber Round LEDs
More results




About Cree LED


Cree LED is a product line of LED lighting products offered by Cree, Inc., a semiconductor company based in Durham, North Carolina. Cree LED lighting products include bulbs, fixtures, and chips, which are used in a variety of applications, including residential, commercial, and industrial lighting.

Cree LED lighting products are known for their high quality, energy efficiency, and long lifespan. The company's LED bulbs are designed to last up to 25 times longer than traditional incandescent bulbs, while using up to 85% less energy. Cree LED fixtures offer a range of options for different applications, including indoor and outdoor lighting, and are known for their high efficiency, superior light quality, and long lifespan.

In addition to its LED lighting products, Cree also offers a range of wide bandgap semiconductors, including silicon carbide (SiC) and gallium nitride (GaN) devices, as well as power electronics products, that are used in a variety of applications, including automotive, aerospace, and defense. Cree is committed to developing new and innovative products that meet the evolving needs of its customers, and has received numerous awards for its technology and innovation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com