Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLM2D-REC_AEC Datasheet (PDF) - Cree LED

CLM2D-REC_AEC Datasheet PDF - Cree LED
Part # CLM2D-REC_AEC
Download  CLM2D-REC_AEC Download
File Size   727.81 Kbytes
Page   9 Pages
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED
Description CLM2D-REC/AEC: PLCC4 Red & Amber SMD LEDs

CLM2D-REC_AEC Datasheet (PDF)

Go To PDF Page Download Datasheet
CLM2D-REC_AEC Datasheet PDF - Cree LED

Part # CLM2D-REC_AEC
Download  CLM2D-REC_AEC Click to download

File Size   727.81 Kbytes
Page   9 Pages
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED
Description CLM2D-REC/AEC: PLCC4 Red & Amber SMD LEDs

CLM2D-REC_AEC Datasheet (HTML) - Cree LED


CLM2D-REC_AEC Product details

APPLICATIONS
• Channel Letter
• Architectural Lighting

FEATURES
• Size (mm): 3.2 x 2.8
• Color and Typical Dominant
Wavelength:
Red (619-624nm)
Amber (584-596nm)
• Moisture Sensitivity Level: 5a
• Lead - Free
• RoHS Compliant
• Untinted Diffused Lens




Similar Part No. - CLM2D-REC_AEC

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLM2D-RCC CREE-CLM2D-RCC Datasheet
800Kb / 8P
PLCC4 1 in 1 SMD LED
logo
Cree LED
CLM2D-RCC-ACC CREELED-CLM2D-RCC-ACC Datasheet
682Kb / 9P
CLM2D-RCC/ACC: PLCC4 Red & Amber SMD LEDs
REV 8
logo
Cree, Inc
CLM2D-RCC-CYaB0BB3 CREE-CLM2D-RCC-CYaB0BB3 Datasheet
800Kb / 8P
PLCC4 1 in 1 SMD LED
CLM2D-RCC-CYbB0BB3 CREE-CLM2D-RCC-CYbB0BB3 Datasheet
800Kb / 8P
PLCC4 1 in 1 SMD LED
CLM2D-RCC-CZ0B0BB3 CREE-CLM2D-RCC-CZ0B0BB3 Datasheet
800Kb / 8P
PLCC4 1 in 1 SMD LED
More results


Similar Description - CLM2D-REC_AEC

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVSAABC2R8 OPTEK-OVSAABC2R8 Datasheet
524Kb / 5P
Amber PLCC4 Surface Mount LED
logo
Cree, Inc
C503B-RAS CREE-C503B-RAS Datasheet
533Kb / 8P
5-mm Red and Amber Round LEDs
logo
Marktech Corporate
C503B-RAS MARKTECH-C503B-RAS Datasheet
815Kb / 13P
Cree짰 5-mm Red and Amber Round LEDs
C503B-R-A MARKTECH-C503B-R-A Datasheet
815Kb / 13P
5-mm Red and Amber Round LEDs
logo
OptoSupply Internationa...
OSW54LS3C1A OPTOSUPPLY-OSW54LS3C1A Datasheet
110Kb / 1P
High Luminous PLCC4 Power Top SMD LEDs
OSW543S3C1A OPTOSUPPLY-OSW543S3C1A Datasheet
115Kb / 2P
High Luminous PLCC4 Power Top SMD LEDs
logo
Marktech Corporate
C503B-R-A MARKTECH-C503B-R-A_15 Datasheet
815Kb / 13P
5-mm Red and Amber Round LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AG70 AVAGO-HLMP-AG70 Datasheet
478Kb / 10P
5 mm Mini Oval Red and Amber LEDs
HLMP-HG70 AVAGO-HLMP-HG70 Datasheet
1Mb / 13P
5mm Standard Oval Red and Amber LEDs
logo
TT Electronics.
OVSAABC2R8 TTELEC-OVSAABC2R8 Datasheet
354Kb / 4P
Amber PLCC4 Surface Mount LED
More results




About Cree LED


Cree LED is a product line of LED lighting products offered by Cree, Inc., a semiconductor company based in Durham, North Carolina. Cree LED lighting products include bulbs, fixtures, and chips, which are used in a variety of applications, including residential, commercial, and industrial lighting.

Cree LED lighting products are known for their high quality, energy efficiency, and long lifespan. The company's LED bulbs are designed to last up to 25 times longer than traditional incandescent bulbs, while using up to 85% less energy. Cree LED fixtures offer a range of options for different applications, including indoor and outdoor lighting, and are known for their high efficiency, superior light quality, and long lifespan.

In addition to its LED lighting products, Cree also offers a range of wide bandgap semiconductors, including silicon carbide (SiC) and gallium nitride (GaN) devices, as well as power electronics products, that are used in a variety of applications, including automotive, aerospace, and defense. Cree is committed to developing new and innovative products that meet the evolving needs of its customers, and has received numerous awards for its technology and innovation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com