Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XBD Datasheet (PDF) - Cree LED

XBD Datasheet PDF - Cree LED
Part # XBD
Download  XBD Download
File Size   3386.59 Kbytes
Page   44 Pages
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED
Description XLamp® XB-D LEDs

XBD Datasheet (PDF)

Go To PDF Page Download Datasheet
XBD Datasheet PDF - Cree LED

Part # XBD
Download  XBD Click to download

File Size   3386.59 Kbytes
Page   44 Pages
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED
Description XLamp® XB-D LEDs

XBD Datasheet (HTML) - Cree LED


XBD Product details

FEATURES
• XB-D white binned @ 85 °C; XB-D color binned @ 25 °C
• Up to 136 lm/W in cool white (@ 85 °C, 350 mA)
• Available in white, 80-minimum CRI white, and 70-minimum
CRI cool white, royal blue, blue, green, PC amber, amber,
red‑orange & red
• 1 A maximum drive current
• Wide viewing angle: from 110° (PC amber) to 140° (red)
• Reflow solderable - JEDEC J-STD‑020C compatible
• Unlimited floor life at ≤ 30 °C/85% RH
• Electrically neutral thermal path
• RoHS and REACH compliant
• UL® recognized component (E349212)




Similar Part No. - XBD

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
XBD MARKTECH-XBD Datasheet
582Kb / 2P
80-min CRI White and 70-min CRI Cool White
XBD-WHITE MARKTECH-XBD-WHITE Datasheet
583Kb / 2P
Cree XBD Series on Board
XBD-WHITE MARKTECH-XBD-WHITE_15 Datasheet
583Kb / 2P
Cree XBD Series on Board
logo
Cree, Inc
XBDAMB-00-0000-000000501 CREE-XBDAMB-00-0000-000000501 Datasheet
1Mb / 17P
XLAMP XB-D LEDS
Rev 8A
XBDAMB-00-0000-000000501 CREE-XBDAMB-00-0000-000000501 Datasheet
1Mb / 18P
XLAMP XB-D LEDS
Rev 9A
More results


Similar Description - XBD

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XBDAWT-00-0000-00000HAE7 CREE-XBDAWT-00-0000-00000HAE7 Datasheet
1Mb / 13P
XLAMP XB-D LED BINNING & LABELING
rev 1
XBDAWT-00-0000-000000E51 CREE-XBDAWT-00-0000-000000E51 Datasheet
1Mb / 17P
XLAMP XB-D LEDS
Rev 8A
XBDAWT-00-0000-000000G51 CREE-XBDAWT-00-0000-000000G51 Datasheet
1,020Kb / 12P
XLAMP XB-D WHITE LEDS
Rev 1
XBDAWT-00-0000-000000F51 CREE-XBDAWT-00-0000-000000F51 Datasheet
1Mb / 18P
XLAMP XB-D LEDS
Rev 9A
XB-D CREE-XB-D Datasheet
1Mb / 19P
XLamp XB-D LEDs
Rev 10E
XBEHVW-H0-0000-00000HFE3 CREE-XBEHVW-H0-0000-00000HFE3 Datasheet
1Mb / 11P
XLamp XB-E High-Voltage White LEDs
Rev 2E
XB-H CREE-XB-H Datasheet
1Mb / 13P
XLamp XB-H LEDs
Rev 1F
XBHAWT-00-0000-000LT60E1 CREE-XBHAWT-00-0000-000LT60E1 Datasheet
1Mb / 13P
XLamp XB-H LEDs
Rev 1F
XLAMP-XPG3 CREE-XLAMP-XPG3 Datasheet
2Mb / 49P
XLamp® XP-G3 LEDs
REV 11
logo
Cree LED
XB-D CREELED-XB-D Datasheet
2Mb / 42P
XLamp® XB-D LEDs
REV 15
More results




About Cree LED


Cree LED is a product line of LED lighting products offered by Cree, Inc., a semiconductor company based in Durham, North Carolina. Cree LED lighting products include bulbs, fixtures, and chips, which are used in a variety of applications, including residential, commercial, and industrial lighting.

Cree LED lighting products are known for their high quality, energy efficiency, and long lifespan. The company's LED bulbs are designed to last up to 25 times longer than traditional incandescent bulbs, while using up to 85% less energy. Cree LED fixtures offer a range of options for different applications, including indoor and outdoor lighting, and are known for their high efficiency, superior light quality, and long lifespan.

In addition to its LED lighting products, Cree also offers a range of wide bandgap semiconductors, including silicon carbide (SiC) and gallium nitride (GaN) devices, as well as power electronics products, that are used in a variety of applications, including automotive, aerospace, and defense. Cree is committed to developing new and innovative products that meet the evolving needs of its customers, and has received numerous awards for its technology and innovation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com