Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTB25P06 Datasheet (PDF) - Inchange Semiconductor Company Limited

NTB25P06 Datasheet PDF - Inchange Semiconductor Company Limited
Part # NTB25P06
Download  NTB25P06 Download
File Size   305.45 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc P-Channel MOSFET Transistor

NTB25P06 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTB25P06 Datasheet PDF - Inchange Semiconductor Company Limited

Part # NTB25P06
Download  NTB25P06 Click to download

File Size   305.45 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc P-Channel MOSFET Transistor

NTB25P06 Datasheet (HTML) - Inchange Semiconductor Company Limited


NTB25P06 Product details

FEATURES
· Drain Current -ID= -27.5A@ TC=25℃
· Drain Source Voltage -VDSS= -60V(Min)
· Static Drain-Source On-Resistance
-RDS(on) = 75mΩ(Max)@VGS= -10V
DESCRIPTION
· Motor drive, DC-DC converter, power switch
and solenoid drive.




Similar Part No. - NTB25P06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTB25P06 ONSEMI-NTB25P06 Datasheet
56Kb / 6P
Power MOSFET -60 V, -27.5 A, P-Channel D2PAK
August, 2004 ??Rev. 2
NTB25P06 ONSEMI-NTB25P06 Datasheet
135Kb / 6P
Power MOSFET
October, 2011 ??Rev. 4
NTB25P06G ONSEMI-NTB25P06G Datasheet
56Kb / 6P
Power MOSFET -60 V, -27.5 A, P-Channel D2PAK
August, 2004 ??Rev. 2
NTB25P06T4 ONSEMI-NTB25P06T4 Datasheet
56Kb / 6P
Power MOSFET -60 V, -27.5 A, P-Channel D2PAK
August, 2004 ??Rev. 2
NTB25P06T4G ONSEMI-NTB25P06T4G Datasheet
56Kb / 6P
Power MOSFET -60 V, -27.5 A, P-Channel D2PAK
August, 2004 ??Rev. 2
More results


Similar Description - NTB25P06

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISCC1833 ISC-ISCC1833 Datasheet
389Kb / 2P
isc P-Channel MOSFET Transistor
FX20KMJ-2 ISC-FX20KMJ-2 Datasheet
315Kb / 2P
Isc P-Channel MOSFET Transistor
ISCPL45D ISC-ISCPL45D Datasheet
316Kb / 2P
isc P-Channel MOSFET Transistor
SUD50P06-15 ISC-SUD50P06-15 Datasheet
267Kb / 2P
Isc P-Channel MOSFET Transistor
AOD403 ISC-AOD403 Datasheet
377Kb / 2P
Isc P-Channel MOSFET Transistor
DMP3028LK3 ISC-DMP3028LK3 Datasheet
309Kb / 2P
isc P-Channel MOSFET Transistor
DMP4015SK3 ISC-DMP4015SK3 Datasheet
310Kb / 2P
isc P-Channel MOSFET Transistor
DMP4051LK3 ISC-DMP4051LK3 Datasheet
310Kb / 2P
isc P-Channel MOSFET Transistor
ISCNL266D ISC-ISCNL266D Datasheet
271Kb / 2P
isc P-Channel MOSFET Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com