Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1284853 Datasheet (PDF) - PHOENIX CONTACT

1284853 Datasheet PDF - PHOENIX CONTACT
Part # 1284853
Download  1284853 Download
File Size   603.89 Kbytes
Page   16 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SH-8EPD68AAD00S - Device connector front mounting

1284853 Datasheet (PDF)

Go To PDF Page Download Datasheet
1284853 Datasheet PDF - PHOENIX CONTACT

Part # 1284853
Download  1284853 Click to download

File Size   603.89 Kbytes
Page   16 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SH-8EPD68AAD00S - Device connector front mounting

1284853 Datasheet (HTML) - PHOENIX CONTACT


1284853 Product details

M23, Device connector front mounting, series: SH, angled rotatable, shielded: yes, for standard
and SPEEDCON interlock, No. of pos.: 6+4+4+PE, 6-pos. data element, contact connection
type: Pin, Axial O-ring, 4x Ø 3.2, flange dimensions: 26 mm x 26 mm, coding: N

Your advantages
• Easy connection, thanks to infinitely adjustable cable outlet direction up to 310°
• Transmission of signals, data, and power in just a single connector
• Safe use in the field, thanks to high degree of protection
• Consistent EMC protection for reliable connection solutions in the industrial environment




Similar Part No. - 1284853

ManufacturerPart #DatasheetDescription
logo
Evolt
12848 EKTOR-12848 Datasheet
111Kb / 1P
SMART DRIVER CONSTANT CURRENT
31st of January 2025 07:13:12
logo
Weidmuller
1284860000 WEIDMULLER-1284860000 Datasheet
391Kb / 7P
BLZP 5.08HC/06/90F SN GN BX
More results


Similar Description - 1284853

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1621567 PHOENIX-1621567 Datasheet
387Kb / 9P
Device connector, front mounting - SH-8ESC58AWA00S
02/04/2022
1621569 PHOENIX-1621569 Datasheet
396Kb / 9P
Device connector, front mounting - SH-8EPC58AWA00S
02/04/2022
1621561 PHOENIX-1621561 Datasheet
636Kb / 16P
SH-8EPC58AAC00S - Device connector front mounting
1621562 PHOENIX-1621562 Datasheet
590Kb / 15P
SH-8EPS48AAC00S - Device connector front mounting
1621564 PHOENIX-1621564 Datasheet
599Kb / 15P
SH-8ESS48AAD00S - Device connector front mounting
1621565 PHOENIX-1621565 Datasheet
639Kb / 17P
SH-8EPC58AAD00S - Device connector front mounting
1621566 PHOENIX-1621566 Datasheet
592Kb / 16P
SH-8EPS48AAD00S - Device connector front mounting
1621568 PHOENIX-1621568 Datasheet
647Kb / 16P
SH-8ESS48AWA00S - Device connector front mounting
1621570 PHOENIX-1621570 Datasheet
634Kb / 15P
SH-8EPS48AWA00S - Device connector front mounting
1621559 PHOENIX-1621559 Datasheet
649Kb / 16P
SH-8ESC58AAC00S - Device connector front mounting
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com