Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADN8102 Datasheet (PDF) - Analog Devices

ADN8102 Datasheet PDF - Analog Devices
Part # ADN8102
Download  ADN8102 Download
File Size   2103.81 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3.75 Gbps Quad Bidirectional CX4 Equalizer

ADN8102 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADN8102 Datasheet PDF - Analog Devices

Part # ADN8102
Download  ADN8102 Click to download

File Size   2103.81 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 3.75 Gbps Quad Bidirectional CX4 Equalizer

ADN8102 Datasheet (HTML) - Analog Devices


ADN8102 Product details

FEATURES
Optimized for dc to 3.75 Gbps data
Programmable input equalization
Up to 22 dB boost at 1.875 GHz
Compensates up to 30 meters of CX4 cable up to 3.75 Gbps
Compensates up to 40 inches of FR4 up to 3.75 Gbps
Programmable output pre-emphasis/de-emphasis
Up to 12 dB boost at 1.875 GHz (3.75 Gbps)
Compensates up to 15 meters of CX4 cable up to 3.75 Gbps
Compensates up to 40 inches of FR4 up to 3.75 Gbps
Flexible 1.8 V to 3.3 V core supply
Per lane P/N pair inversion for routing ease
Low power: 125 mW/channel up to 3.75 Gbps
DC- or ac-coupled differential CML inputs
Programmable CML output levels
50 Ω on-chip termination
Loss-of-signal detection
Temperature range operation: −40°C to +85°C
Supports 8b10b, scrambled, or uncoded NRZ data
I2C control interface
64-lead LFCSP (QFN) package

APPLICATIONS
10GBase-CX4
HiGig™
InfiniBand®
1×, 2× Fibre Channel
XAUI™
Gigabit Ethernet over backplane or cable
CPRI™
50 Ω cables




Similar Part No. - ADN8102

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN8102 AD-ADN8102 Datasheet
1Mb / 32P
3.75 Gbps Quad Bidirectional CX4 Equalizer
Rev. A
ADN8102-EVALZ AD-ADN8102-EVALZ Datasheet
1Mb / 32P
3.75 Gbps Quad Bidirectional CX4 Equalizer
Rev. A
ADN8102ACPZ AD-ADN8102ACPZ Datasheet
1Mb / 32P
3.75 Gbps Quad Bidirectional CX4 Equalizer
Rev. A
ADN8102ACPZ-R7 AD-ADN8102ACPZ-R7 Datasheet
1Mb / 32P
3.75 Gbps Quad Bidirectional CX4 Equalizer
Rev. A
More results


Similar Description - ADN8102

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM8040 BOARDCOM-BCM8040 Datasheet
194Kb / 2P
QUAD XAUI/CX4/LX4 1.0-3.2-GBPS RETIMER/SWITCH
logo
National Semiconductor ...
DS50EV401 NSC-DS50EV401 Datasheet
1Mb / 14P
2.5 Gbps / 5.0 Gbps / 8.0 Gbps Quad PCI Express Cable and Backplane Equalizer
DS32EV400 NSC-DS32EV400 Datasheet
1Mb / 16P
Programmable Quad Equalizer
logo
Analog Devices
ADN8102 AD-ADN8102 Datasheet
1Mb / 32P
3.75 Gbps Quad Bidirectional CX4 Equalizer
Rev. A
logo
National Semiconductor ...
DS32EV400 NSC-DS32EV400_08 Datasheet
963Kb / 18P
Programmable Quad Equalizer
DS64EV400 NSC-DS64EV400 Datasheet
1Mb / 18P
Programmable Quad Equalizer
logo
Texas Instruments
DS32EV400 TI1-DS32EV400_14 Datasheet
1Mb / 23P
DisplayPort??Quad Equalizer
DS32EV400 TI1-DS32EV400_15 Datasheet
1Mb / 24P
DisplayPort??Quad Equalizer
DS50EV401 TI1-DS50EV401_15 Datasheet
2Mb / 19P
DS50EV401 2.5 Gbps / 5.0 Gbps or 8.0 Gbps Quad Cable and Backplane Equalizer
SN65LVCP1414 TI1-SN65LVCP1414 Datasheet
1Mb / 26P
14.2-Gbps Quad Channel, Dual Mode Linear Equalizer
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com