Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC661LC4B Datasheet (PDF) - Analog Devices

HMC661LC4B Datasheet PDF - Analog Devices
Part # HMC661LC4B
Download  HMC661LC4B Download
File Size   875.38 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description ULTRA-WIDEBAND 4 GS/s TRACK-AND-HOLD AMPLIFIER DC - 18 GHz

HMC661LC4B Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC661LC4B Datasheet PDF - Analog Devices

Part # HMC661LC4B
Download  HMC661LC4B Click to download

File Size   875.38 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description ULTRA-WIDEBAND 4 GS/s TRACK-AND-HOLD AMPLIFIER DC - 18 GHz

HMC661LC4B Datasheet (HTML) - Analog Devices


HMC661LC4B Product details

Features
18 GHz Input bandwidth (1 Vp-p Full Scale)
4 GS/s Maximum Sampling Rate
68 dB SFDR (4 GHz / 0.5 Vp-p Input, CLK = 1 GS/s)
57 dB SFDR (4 GHz / 1 Vp-p Input, CLK = 1 GS/s)
Direct-Coupled I/O
Ultra-Clean Output Waveforms, Minimal Glitching
>60 dB Hold Mode Feedthrough Rejection
1.05 mV RMS Hold Mode Output Noise
Single / Dual Rank Evaluation Boards are Available
RoHS Compliant 4x4 mm SMT Package

Typical Applications
The HMC661LC4B is ideal for:
• RF ATE Applications
• Digital Sampling Oscilloscopes
• RF Demodulation Systems
• Digital Receiver Systems
• High Speed Peak Detectors
• Software Defined Radio
• Radar, ECM & ELINT Systems
• High Speed DAC De-Glitching




Similar Part No. - HMC661LC4B

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC661LC4B HITTITE-HMC661LC4B Datasheet
1Mb / 14P
ULTRA-WIDEBAND 4 GS/s TRACK-AND-HOLD AMPLIFIER
More results


Similar Description - HMC661LC4B

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HTS-0025 AD-HTS-0025 Datasheet
1Mb / 6P
Ultra High Speed Hybird Track-and Hold Amplifiers
logo
Burr-Brown (TI)
SHC605 BURR-BROWN-SHC605 Datasheet
200Kb / 15P
High-Speed Operational TRACK-AND-HOLD AMPLIFIER
logo
Analog Devices
AD389 AD-AD389 Datasheet
2Mb / 6P
HIGH RESOLUTION TRACK-AND-HOLD AMPLIFIER
logo
Hittite Microwave Corpo...
HMC660LC4B HITTITE-HMC660LC4B Datasheet
1Mb / 22P
0.02 - 4.5 GHz WIDEBAND, 3 GS/s TRACK-AND-HOLD AMPLIFIER
HMC660LC4B HITTITE-HMC660LC4B_09 Datasheet
768Kb / 22P
0.02 - 4.5 GHz WIDEBAND, 3 GS/s TRACK-AND-HOLD AMPLIFIER
HMC661LC4B HITTITE-HMC661LC4B Datasheet
1Mb / 14P
ULTRA-WIDEBAND 4 GS/s TRACK-AND-HOLD AMPLIFIER
HMC760LC4B HITTITE-HMC760LC4B Datasheet
1Mb / 14P
WIDEBAND 4 GS/s TRACK-AND-HOLD AMPLIFIER
HMC1061LC5 HITTITE-HMC1061LC5 Datasheet
676Kb / 14P
DC - 18 GHz, ULTRA-WIDEBAND, DUAL RANK 4 GS/s TRACK-AND-HOLD AMPLIFIER
logo
Analog Devices
AD389 AD-AD389_15 Datasheet
3Mb / 6P
HIGH RESOLUTION TRACK AND HOLD AMPLIFIER
HTS-0010 AD-HTS-0010_15 Datasheet
744Kb / 6P
Ultra High Speed Hybrid Track and Hold Ampligiers
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com