Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC678LC3C Datasheet (PDF) - Analog Devices

HMC678LC3C Datasheet PDF - Analog Devices
Part # HMC678LC3C
Download  HMC678LC3C Download
File Size   596.29 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 13 Gbps, 2:1 SELECTOR w/ PROGRAMMABLE OUTPUT VOLTAGE

HMC678LC3C Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC678LC3C Datasheet PDF - Analog Devices

Part # HMC678LC3C
Download  HMC678LC3C Click to download

File Size   596.29 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 13 Gbps, 2:1 SELECTOR w/ PROGRAMMABLE OUTPUT VOLTAGE

HMC678LC3C Datasheet (HTML) - Analog Devices


HMC678LC3C Product details

Features
Supports High Data Rates: up to 13 Gbps
Single-ended inputs
Differential & Single-ended outputs
Fast Rise and Fall Times: 19 / 18 ps
Low Power Consumption: 250 mW typ.
Programmable Differential
Output Voltage Swing: 600 - 1200 mV
Propagation Delay: 125 ps
Single Supply: -3.3V
16 Lead Ceramic 3x3mm SMT Package: 9mm2

Typical Applications
The HMC678LC 3C is ideal for:
• 2:1 Multiplexer up to 13 Gbps
• RF ATE Applications
• Broadband Test & Measurement
• Serial Data Transmission up to 13 Gbps
• Redundant Path Switching
• Built-in Test




Similar Part No. - HMC678LC3C

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC678LC3C HITTITE-HMC678LC3C Datasheet
633Kb / 8P
13 Gbps, 2:1 SELECTOR w/ PROGRAMMABLE OUTPUT VOLTAGE
More results


Similar Description - HMC678LC3C

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC744LC3C HITTITE-HMC744LC3C Datasheet
282Kb / 8P
13 Gbps, FAST RISE TIME 1:2 FANOUT BUFFER w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
HMC748LC3C HITTITE-HMC748LC3C Datasheet
287Kb / 8P
13 Gbps, 2:1 SELECTOR w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
HMC678LC3C HITTITE-HMC678LC3C Datasheet
633Kb / 8P
13 Gbps, 2:1 SELECTOR w/ PROGRAMMABLE OUTPUT VOLTAGE
HMC720LC3C HITTITE-HMC720LC3C Datasheet
471Kb / 8P
14 Gbps, FAST RISE TIME 1:2 FANOUT BUFFER w/ PROGRAMMABLE OUTPUT VOLTAGE
HMC720LP3E HITTITE-HMC720LP3E Datasheet
473Kb / 8P
14 Gbps, FAST RISE TIME 1:2 FANOUT BUFFER w/ PROGRAMMABLE OUTPUT VOLTAGE
HMC728LC3C HITTITE-HMC728LC3C Datasheet
440Kb / 8P
14 Gbps, 2:1 SELECTOR
HMC744LC3C HITTITE-HMC744LC3C_10 Datasheet
712Kb / 8P
13 Gbps, FAST RISE TIME 1:2 FANOUT BUFFER w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
HMC748LC3C HITTITE-HMC748LC3C_11 Datasheet
553Kb / 8P
14 Gbps, 2:1 SELECTOR w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
HMC954LC4B HITTITE-HMC954LC4B Datasheet
878Kb / 8P
32 Gbps, 2:1 Mux w/ Programmable Output Voltage
HMC955LC4B HITTITE-HMC955LC4B Datasheet
887Kb / 8P
32 Gbps, 1:2 Demux w/ Programmable Output Voltage
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com