Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX31343 Datasheet (PDF) - Analog Devices

MAX31343 Datasheet PDF - Analog Devices
Part # MAX31343
Download  MAX31343 Download
File Size   1277.0 Kbytes
Page   40 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description ±5ppm, I2C Real-Time Clock with Integrated MEMS Oscillator

MAX31343 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX31343 Datasheet PDF - Analog Devices

Part # MAX31343
Download  MAX31343 Click to download

File Size   1277.0 Kbytes
Page   40 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description ±5ppm, I2C Real-Time Clock with Integrated MEMS Oscillator

MAX31343 Datasheet (HTML) - Analog Devices


MAX31343 Product details

Benefits and Features
● Highly Accurate RTC with Integrated MEMS
Resonator Completely Manages All Timekeeping
Functions
• Complete Clock Calendar Functionality Including
Seconds, Minutes, Hours, Day, Date, Month, Year,
and Century with Leap-Year Compensation up to
Year 2199
• Timekeeping Accuracy ±5ppm (±0.432 second/day)
from -40°C to +85°C
• Two Time-of-Day Alarms
• Temperature-Compensated Programmable Square-
Wave Output
• Uncompensated Programmable Clock Outputs
• Automatically Switch over to Backup Battery or
Supercapacitor on Power-Fail
• Digital Temperature Sensor with ±3°C Accuracy
• +1.6V to +5.5V Supply Voltage
● 64-Byte RAM for User Data Storage
● Simple Serial Interface Connects to Most
Microcontrollers
• I2C Interface
● Battery-Backup Input for Continuous Timekeeping
● Low-Power Operation Extends Battery-Backup
Runtime
● Operating Temperature Range: -40°C to +85°C
● 2.1mm x 2.3mm, 8-Pin WLP Package
● 4mm x 3mm, 8-Pin TDFN Package
● Underwriters Laboratories® (UL) Recognized

Applications
● Industrial
● Action Cameras
● Communications
● Handheld Instrumentation
● Power Meters
● Wearables




Similar Part No. - MAX31343

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX31343 MAXIM-MAX31343 Datasheet
2Mb / 11P
Easy Evaluation of the MAX31343
319-100521; Rev 1; 5/20
MAX31343 MAXIM-MAX31343 Datasheet
1Mb / 40P
짹5ppm, I2C Real-Time Clock with Integrated MEMS Oscillator
2021
MAX31343EKA MAXIM-MAX31343EKA Datasheet
1Mb / 40P
짹5ppm, I2C Real-Time Clock with Integrated MEMS Oscillator
2021
MAX31343EKA+T MAXIM-MAX31343EKA+T Datasheet
1Mb / 40P
짹5ppm, I2C Real-Time Clock with Integrated MEMS Oscillator
2021
MAX31343ETAY+T MAXIM-MAX31343ETAY+T Datasheet
1Mb / 40P
짹5ppm, I2C Real-Time Clock with Integrated MEMS Oscillator
2021
More results


Similar Description - MAX31343

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1339 DALLAS-DS1339 Datasheet
279Kb / 18P
I2C Serial Real-Time Clock
logo
Maxim Integrated Produc...
DS3231M MAXIM-DS3231M_11 Datasheet
1Mb / 20P
5ppm, I2C Real-Time Clock Battery Backup for Continuous Timekeeping
Rev 1; 5/11
DS3231M_1112 MAXIM-DS3231M_1112 Datasheet
1Mb / 20P
±5ppm, I2C Real-Time Clock
Rev 3; 12/11
DS3232M MAXIM-DS3232M Datasheet
2Mb / 23P
±5ppm, I2C Real-Time Clock with SRAM
Rev 0; 3/12
DS3232M_V1 MAXIM-DS3232M_V1 Datasheet
2Mb / 23P
±5ppm, I2C Real-Time Clock with SRAM
Rev 1; 8/12
DS3231M MAXIM-DS3231M_12 Datasheet
1Mb / 20P
±5ppm, I2C Real-Time Clock
Rev 4; 9/12
logo
Cymbet Corporation
CBC34803 CYMBET-CBC34803 Datasheet
511Kb / 9P
I2C Real-Time Clock/Calendar with Integrated Backup Power
DS-72-34 CYMBET-DS-72-34 Datasheet
1Mb / 18P
I2C Real-Time Clock/Calendar with Integrated Backup Power
logo
ARTSCHIP ELECTRONICS CO...
DS1307 ARTSCHIP-DS1307 Datasheet
249Kb / 14P
I2C Real-Time Clock
logo
Maxim Integrated Produc...
MAX31343 MAXIM-MAX31343 Datasheet
1Mb / 40P
짹5ppm, I2C Real-Time Clock with Integrated MEMS Oscillator
2021
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com