Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SJA1000 Datasheet (PDF) - NXP Semiconductors

SJA1000 Datasheet PDF - NXP Semiconductors
Part # SJA1000
Download  SJA1000 Download
File Size   234.77 Kbytes
Page   68 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Stand-alone CAN controller

SJA1000 Datasheet (PDF)

Go To PDF Page Download Datasheet
SJA1000 Datasheet PDF - NXP Semiconductors

Part # SJA1000
Download  SJA1000 Click to download

File Size   234.77 Kbytes
Page   68 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Stand-alone CAN controller

SJA1000 Datasheet (HTML) - NXP Semiconductors


SJA1000 Product details

GENERAL DESCRIPTION

The SJA1000 is a stand-alone controller for the Controller Area Network (CAN) used within automotive and general industrial environments. It is the successor of the PCA82C200 CAN controller (BasicCAN) from Philips Semiconductors.



FEATURES

• Pin compatibility to the PCA82C200 stand-alone CAN controller

• Electrical compatibility to the PCA82C200 stand-alone CAN controller

• PCA82C200 mode (BasicCAN mode is default)

• Extended receive buffer (64-byte FIFO)

• CAN 2.0B protocol compatibility (extended frame passive in PCA82C200 compatibility mode)

• Supports 11-bit identifier as well as 29-bit identifier

• Bit rates up to 1 Mbits/s

• PeliCAN mode extensions:

– Error counters with read/write access

– Programmable error warning limit

– Last error code register

– Error interrupt for each CAN-bus error

– Arbitration lost interrupt with detailed bit position

– Single-shot transmission (no re-transmission)

– Listen only mode (no acknowledge, no active error flags)

– Hot plugging support (software driven bit rate detection)

– Acceptance filter extension (4-byte code, 4-byte mask)

– Reception of ‘own’ messages (self reception request)

• 24 MHz clock frequency

• Interfaces to a variety of microprocessors

• Programmable CAN output driver configuration

• Extended ambient temperature range (−40 to +125°C).



 




Similar Part No. - SJA1000

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SJA1000 NXP-SJA1000 Datasheet
226Kb / 68P
Stand-alone CAN controller
2000 Jan 04
SJA1000N NXP-SJA1000N Datasheet
226Kb / 68P
Stand-alone CAN controller
2000 Jan 04
SJA1000T NXP-SJA1000T Datasheet
226Kb / 68P
Stand-alone CAN controller
2000 Jan 04
More results


Similar Description - SJA1000

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA82C200 PHILIPS-PCA82C200 Datasheet
1Mb / 42P
STAND-ALONE CAN-CONTROLLER
October 1990
logo
Microchip Technology
MCP2515 MICROCHIP-MCP2515 Datasheet
1Mb / 84P
Stand-Alone CAN Controller With SPI??Interface
2005
logo
NXP Semiconductors
82C200 PHILIPS-82C200 Datasheet
1Mb / 36P
Stand-alone CAN-controller
November 1992
logo
Microchip Technology
MCP2515 MICROCHIP-MCP2515_12 Datasheet
1Mb / 92P
Stand-Alone CAN Controller with SPI Interface
2003-2012 11/29/11
MCP2510I-ST MICROCHIP-MCP2510I-ST Datasheet
1Mb / 80P
Stand-Alone CAN Controller with SPI??Interface
12/08/06
MCP2515-I MICROCHIP-MCP2515-I Datasheet
1Mb / 92P
Stand-Alone CAN Controller with SPI Interface
11/29/11
logo
NXP Semiconductors
SJA1000N NXP-SJA1000N Datasheet
226Kb / 68P
Stand-alone CAN controller
2000 Jan 04
logo
Microchip Technology
MCP2510-I MICROCHIP-MCP2510-I Datasheet
703Kb / 80P
Stand-Alone CAN Controller with SPIInterface
12/08/06
MCP2515T-ESTRB4 MICROCHIP-MCP2515T-ESTRB4 Datasheet
633Kb / 84P
Stand-Alone CAN Controller With SPI Interface
10/05/07
logo
IK Semicon Co., Ltd
IN2515 IKSEMICON-IN2515 Datasheet
540Kb / 17P
STAND-ALONE CAN CONTROLLER
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com