Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX32 Datasheet (PDF) - Won-Top Electronics

SX32 Datasheet PDF - Won-Top Electronics
Part # SX32
Download  SX32 Download
File Size   47.34 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE

SX32 Datasheet (PDF)

Go To PDF Page Download Datasheet
SX32 Datasheet PDF - Won-Top Electronics

Part # SX32
Download  SX32 Click to download

File Size   47.34 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE

SX32 Datasheet (HTML) - Won-Top Electronics


SX32 Product details

3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE

Features
● Schottky Barrier Chip
● Ideally Suited for Automatic Assembly
● Low Power Loss, High Efficiency
● Surge Overload Rating to 100A Peak
● For Use in Low Voltage Application
● Guard Ring Die Construction
● Plastic Case Material has UL Flammability Classification Rating 94V-O




Similar Part No. - SX32

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SX32 PANJIT-SX32 Datasheet
43Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
List of Unclassifed Man...
SX32 ETC1-SX32 Datasheet
43Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE- 20 to 90 Volts CURRENT- 3.0 Amperes
logo
Pan Jit International I...
SX32 PANJIT-SX32 Datasheet
41Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SX32 PANJIT-SX32 Datasheet
105Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
SX32 TAYCHIPST-SX32 Datasheet
10Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - SX32

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
RB051M-2Y SUNMATE-RB051M-2Y Datasheet
285Kb / 3P
3.0A Surface Mount Schottky Barrier Diode
RB051M-2Y SUNMATE-RB051M-2Y Datasheet
285Kb / 3P
3.0A Surface Mount Schottky Barrier Diode
logo
Zibo Seno Electronic En...
SS32 ZSELEC-SS32 Datasheet
149Kb / 2P
3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS32F ZSELEC-SS32F Datasheet
172Kb / 2P
3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS32W ZSELEC-DS32W Datasheet
138Kb / 2P
3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
BR32 ZSELEC-BR32 Datasheet
113Kb / 2P
3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
30BQ020 ZSELEC-30BQ020 Datasheet
150Kb / 2P
3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
BR32BF ZSELEC-BR32BF Datasheet
136Kb / 2P
3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
BX32 ZSELEC-BX32 Datasheet
100Kb / 2P
3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
SR32BF ZSELEC-SR32BF Datasheet
136Kb / 2P
3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com