Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA10045 Datasheet (PDF) - NXP Semiconductors

TDA10045 Datasheet PDF - NXP Semiconductors
Part # TDA10045
Download  TDA10045 Download
File Size   94.1 Kbytes
Page   20 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description DVB-T channel receiver

TDA10045 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA10045 Datasheet PDF - NXP Semiconductors

Part # TDA10045
Download  TDA10045 Click to download

File Size   94.1 Kbytes
Page   20 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description DVB-T channel receiver

TDA10045 Datasheet (HTML) - NXP Semiconductors


TDA10045 Product details

GENERAL DESCRIPTION
The TDA10045H is a single-chip channel receiver for 2 and 8 kbytes COFDM modulated signals based on the ETSI specification (ETSI 300-744). The device interfaces directly to an IF signal, which could be either 1st or 2nd IF and integrates a 10-bit Analog-to-Digital Converter (ADC), a Numerically Controlled Oscillator (NCO) and a Phase-Locked Loop (PLL), simplifying external logic requirements and limiting system costs.

FEATURES
• 2 and 8 kbytes Coded Orthogonal Frequency Division Multiplexer (COFDM) demodulator (fully DVB-T compliant: ETSI 300-744)
• All modes supported, including hierarchical modes
• Fully automatic transmission parameters detection (including Fast Fourier Transformer (FFT) size and guard interval)
• Digital Signal Processor (DSP) based synchronization (software can be upgraded on the fly)
• No extra-host software required
• On-chip 10-bit Analog-to-Digital Converter (ADC)
• 2nd or 1st IF variable analog input
• Only fundamental crystal oscillator required (4 MHz typical ±100 ppm)
• 6, 7 and 8 MHz channels with the same crystal
• Pulse killer algorithm to protect against impulse noise
• Digital frequency correction (±90 kHz)
• Frequency offset (±1/6 MHz) automatic estimator to speed-up the scan
• RF tuner input power measurement
• Parallel or serial transport stream interface
• BER measurement (before and after Viterbi decoder)
• Signal-to noise ratio estimation
• Constellation, CSI and channel frequency response outputs
• TPS bits I2C-bus readable (including spare ones)
• Controllable dedicated I2C-bus for the tuner (5 V tolerant)
• 3 low frequency spare DACs and 2 spare inputs
• CMOS 0.2 µm technology.

APPLICATIONS
• DVB-T fully compatible
• Digital data transmission using COFDM modulation.




Similar Part No. - TDA10045

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA10046HT PHILIPS-TDA10046HT Datasheet
737Kb / 3P
Single-chip DVB-T channel
May 2002
More results


Similar Description - TDA10045

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA10021HT PHILIPS-TDA10021HT Datasheet
92Kb / 16P
DVB-C channel receiver
2001 Oct 01
logo
Hynix Semiconductor
HDM8513A HYNIX-HDM8513A Datasheet
261Kb / 67P
DVB/DSS Compliant Receiver
logo
Infineon Technologies A...
SQC6100 INFINEON-SQC6100 Datasheet
86Kb / 2P
TERRESTRIAL RECEIVER FOR DVB - T
1999-06-21
logo
NXP Semiconductors
TDA10046HT PHILIPS-TDA10046HT Datasheet
737Kb / 3P
Single-chip DVB-T channel
May 2002
logo
STMicroelectronics
STV0362 STMICROELECTRONICS-STV0362 Datasheet
77Kb / 3P
Low-power and ultra compact DVB-T single chip receiver DVB-H broadcast compliant
10-Mar-2006
logo
Sony Corporation
CXD1968AR SONY-CXD1968AR Datasheet
752Kb / 97P
DVB-T Demodulator
logo
Silicon Laboratories
SI2115 SILABS-SI2115 Datasheet
65Kb / 2P
Digital TV Receiver for DVB-T/C
SI2185 SILABS-SI2185 Datasheet
62Kb / 2P
Hybrid DVB-T/C and Analog TV Receiver
logo
List of Unclassifed Man...
VES1820X ETC1-VES1820X Datasheet
106Kb / 12P
SINGLE CHIP DVB-C CHANNEL RECEIVER
rev 2.0
VES9600 ETC1-VES9600 Datasheet
100Kb / 11P
SINGLE CHIP DVB-T CHANNEL RECEIVER
Rev1.2
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com