Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA1016 Datasheet (PDF) - NXP Semiconductors

TDA1016 Datasheet PDF - NXP Semiconductors
Part # TDA1016
Download  TDA1016 Download
File Size   58.14 Kbytes
Page   9 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Recording/playback and 2 W audio power amplifier

TDA1016 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA1016 Datasheet PDF - NXP Semiconductors

Part # TDA1016
Download  TDA1016 Click to download

File Size   58.14 Kbytes
Page   9 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Recording/playback and 2 W audio power amplifier

TDA1016 Datasheet (HTML) - NXP Semiconductors


TDA1016 Product details

GENERAL DESCRIPTION
The TDA1016 is a monolithic integrated audio power amplifier, preamplifier and A.L.C. circuit designed for applications in radio-recorders and recorders. The wide supply voltage range makes this circuit very suitable for d.c. and a.c. apparatus. The circuit incorporates the following features:

Features
• Power amplifier/monitor amplifier
• Preamplifier/record and playback amplifier
• Automatic Level Control (A.L.C.) circuit
• Voltage stabilizer
• Short-circuit (up to 12 V a.c.) and thermal protection.




Similar Part No. - TDA1016

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1010 PHILIPS-TDA1010 Datasheet
587Kb / 22P
6 W audio power amplifier in car applications 10 W audio power amplifier in mains-fed applications
November 1982
TDA1010A PHILIPS-TDA1010A Datasheet
587Kb / 22P
6 W audio power amplifier in car applications 10 W audio power amplifier in mains-fed applications
November 1982
logo
List of Unclassifed Man...
TDA1010A ETC-TDA1010A Datasheet
19Kb / 1P
AUIDO OUTPUT
logo
NXP Semiconductors
TDA1011 PHILIPS-TDA1011 Datasheet
304Kb / 14P
2 to 6 W audio power amplifier
November 1982
TDA1011A PHILIPS-TDA1011A Datasheet
286Kb / 8P
2 to 5W audio power amplifier with preamplifier
January 1980
More results


Similar Description - TDA1016

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN3371SB PANASONIC-AN3371SB Datasheet
74Kb / 7P
2-head recording/playback amplifier IC
logo
Sanyo Semicon Device
LA7282 SANYO-LA7282 Datasheet
153Kb / 7P
VCR Audio Signal Recording / Playback Processor
LA7285 SANYO-LA7285 Datasheet
112Kb / 7P
VCR Audio Signal Recording and Playback Processor
LA7286 SANYO-LA7286 Datasheet
213Kb / 10P
VCR Audio Signal Recording and Playback Processor?
logo
Sony Corporation
CXA1898Q SONY-CXA1898Q Datasheet
660Kb / 26P
Recording/Playback Equalizer Amplifier
CXA1998AQ SONY-CXA1998AQ Datasheet
695Kb / 28P
Recording/Playback Equalizer Amplifier
CXA1998BQ SONY-CXA1998BQ Datasheet
488Kb / 28P
Recording/Playback Equalizer Amplifier
CXA2002R SONY-CXA2002R Datasheet
421Kb / 25P
2-channel Recording/Playback Amplifier
logo
Rohm
BA5102A ROHM-BA5102A Datasheet
99Kb / 2P
Switchless Recording/Playback Amplifier
logo
STMicroelectronics
AN3997 STMICROELECTRONICS-AN3997 Datasheet
174Kb / 15P
Audio playback and recording using the STM32F4DISCOVERY
27-Oct-2011
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com