Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALA8AA331CD400 Datasheet (PDF) - Kemet Corporation

ALA8AA331CD400 Datasheet PDF - Kemet Corporation
Part # ALA8AA331CD400
Download  ALA8AA331CD400 Download
File Size   239.18 Kbytes
Page   1 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description ALA8A, Aluminum Electrolytic, 330 uF, 20%, 400 VDC, -40/105°C

ALA8AA331CD400 Datasheet (PDF)

Go To PDF Page Download Datasheet
ALA8AA331CD400 Datasheet PDF - Kemet Corporation

Part # ALA8AA331CD400
Download  ALA8AA331CD400 Click to download

File Size   239.18 Kbytes
Page   1 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description ALA8A, Aluminum Electrolytic, 330 uF, 20%, 400 VDC, -40/105°C

ALA8AA331CD400 Datasheet (HTML) - Kemet Corporation


ALA8AA331CD400 Product details

General Information
Series ALA8A
Dielectric Aluminum Electrolytic
Description Snap-In, Aluminum Electrolytic
RoHS Yes
Lead 2 Pin
Qualifications AEC-Q200
AEC-Q200 Yes
Halogen Free Yes
Typical Component Weight 50 g
Shelf Life 156 Weeks




Similar Part No. - ALA8AA331CD400

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ALA8AA331CD450 KEMET-ALA8AA331CD450 Datasheet
239Kb / 1P
ALA8A, Aluminum Electrolytic, 330 uF, 20%, 450 VDC, -40/105°C
5/29/2024
More results


Similar Description - ALA8AA331CD400

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ALC70A331CD400 KEMET-ALC70A331CD400 Datasheet
70Kb / 1P
ALC70, Aluminum Electrolytic, 330 uF, 20%, 400 VDC, -40/85째C
PEH536YDI3470M3 KEMET-PEH536YDI3470M3 Datasheet
247Kb / 1P
PEH536, Aluminum Electrolytic, 470 uF, 20%, 450 VDC, -40/105°C
10/20/2022
EDH107M016A9GAA KEMET-EDH107M016A9GAA Datasheet
267Kb / 1P
EDH, Aluminum Electrolytic, 100 uF, 20%, 16 VDC, -40/105°C
10/20/2022
EDH107M035A9MAA KEMET-EDH107M035A9MAA Datasheet
267Kb / 1P
EDH, Aluminum Electrolytic, 100 uF, 20%, 35 VDC, -40/105°C
10/20/2022
EDH157M063A9PAA KEMET-EDH157M063A9PAA Datasheet
268Kb / 1P
EDH, Aluminum Electrolytic, 150 uF, 20%, 63 VDC, -40/105°C
10/20/2022
EDH226M035S9GAA KEMET-EDH226M035S9GAA Datasheet
268Kb / 1P
EDH, Aluminum Electrolytic, 22 uF, 20%, 35 VDC, -40/105°C
10/20/2022
EDH227M035A9MAA KEMET-EDH227M035A9MAA Datasheet
268Kb / 1P
EDH, Aluminum Electrolytic, 220 uF, 20%, 35 VDC, -40/105°C
10/20/2022
EDH476M100S9PAA KEMET-EDH476M100S9PAA Datasheet
268Kb / 1P
EDH, Aluminum Electrolytic, 47 uF, 20%, 100 VDC, -40/105°C
10/20/2022
EEV337M025S9MAA KEMET-EEV337M025S9MAA Datasheet
268Kb / 1P
EEV, Aluminum Electrolytic, 330 uF, 20%, 25 VDC, -55/105°C
10/20/2022
EEV337M035S9PAA KEMET-EEV337M035S9PAA Datasheet
268Kb / 1P
EEV, Aluminum Electrolytic, 330 uF, 20%, 35 VDC, -55/105°C
10/20/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com