Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA1020 Datasheet (PDF) - NXP Semiconductors

TDA1020 Datasheet PDF - NXP Semiconductors
Part # TDA1020
Download  TDA1020 Download
File Size   69.55 Kbytes
Page   9 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 12 W car radio power amplifier

TDA1020 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA1020 Datasheet PDF - NXP Semiconductors

Part # TDA1020
Download  TDA1020 Click to download

File Size   69.55 Kbytes
Page   9 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 12 W car radio power amplifier

TDA1020 Datasheet (HTML) - NXP Semiconductors


TDA1020 Product details

The TDA1020 is a monolithic integrated 12 W audio amplifier in a 9-lead single in-line (SIL) plastic package. The device is primarily developed as a car radio amplifier. At a supply voltage of VP = 14,4 V, an output power of 7 W can be delivered into a 4 Ω load and 12 W into 2 Ω.

To avoid interferences and car ignition signals coming from the supply lines into the IC, frequency limiting is used beyond the audio spectrum in the preamplifier and the power amplifier.



The maximum supply voltage of 18 V makes the IC also suitable for mains-fed radio receivers, tape recorders or record players. However, if the supply voltage is increased above 18 V (< 45 V), the device will not be damaged (load dump protected). Also a short-circuiting of the output to ground (a.c.) will not destroy the device. Thermal protection is built-in. As a special feature, the circuit has a low stand-by current possibility.

The TDA1020 is pin-to-pin compatible with the TDA1010.



 




Similar Part No. - TDA1020

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDA1022 ETC-TDA1022 Datasheet
351Kb / 10P
BUCKET BRIGADE DELAY LINE FOR ANALOGUE SIGNALS
logo
NXP Semiconductors
TDA1023 PHILIPS-TDA1023 Datasheet
266Kb / 19P
Proportional-control triac triggering circuit
May 1991
TDA1023T PHILIPS-TDA1023T Datasheet
266Kb / 19P
Proportional-control triac triggering circuit
May 1991
TDA1024 PHILIPS-TDA1024 Datasheet
617Kb / 15P
A MAIN-ZERO TRIAC-TRIGGERING CIRCUIT
jUNE 1976
logo
List of Unclassifed Man...
TDA1028 ETC-TDA1028 Datasheet
220Kb / 12P
SIGNAL-SOURCES SWITCH
JANUARY 1980
More results


Similar Description - TDA1020

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1510AQ PHILIPS-TDA1510AQ Datasheet
96Kb / 11P
24 W BTL or 2 x 12 W stereo car radio power amplifier
January 1992
TDA1515BQ PHILIPS-TDA1515BQ Datasheet
80Kb / 10P
24 W BTL or 2 x 12 W stereo car radio power amplifier
July 1994
TDA1516CQ PHILIPS-TDA1516CQ Datasheet
68Kb / 10P
24 W BTL car radio power amplifier
July 1994
TDA1519B PHILIPS-TDA1519B Datasheet
118Kb / 12P
12 W BTL or 2 x 6 W stereo car radio power amplifier
May 1992
TDA1560Q PHILIPS-TDA1560Q Datasheet
116Kb / 16P
40 W car radio high power amplifier
1996 May 14
logo
STMicroelectronics
TDA7391PD STMICROELECTRONICS-TDA7391PD_08 Datasheet
171Kb / 11P
32 W bridge car radio amplifier
02-Jul-2008
TDA2003A STMICROELECTRONICS-TDA2003A Datasheet
589Kb / 19P
10 W car radio audio amplifier
23-Jul-2012
TDA7391PD STMICROELECTRONICS-TDA7391PD_11 Datasheet
243Kb / 12P
32 W bridge car radio amplifier
26-Jan-2011
TDA2003AV STMICROELECTRONICS-TDA2003AV Datasheet
589Kb / 19P
10 W car radio audio amplifier
23-Jul-2012
TDA2003AH STMICROELECTRONICS-TDA2003AH Datasheet
589Kb / 19P
10 W car radio audio amplifier
23-Jul-2012
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com