Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHH223HKP4360ME4 Datasheet (PDF) - Kemet Corporation

PHH223HKP4360ME4 Datasheet PDF - Kemet Corporation
Part # PHH223HKP4360ME4
Download  PHH223HKP4360ME4 Download
File Size   772.37 Kbytes
Page   9 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description PHH223, 125°C, Hybrid Radial Crown, UL ESR, AEC-Q200

PHH223HKP4360ME4 Datasheet (PDF)

Go To PDF Page Download Datasheet
PHH223HKP4360ME4 Datasheet PDF - Kemet Corporation

Part # PHH223HKP4360ME4
Download  PHH223HKP4360ME4 Click to download

File Size   772.37 Kbytes
Page   9 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description PHH223, 125°C, Hybrid Radial Crown, UL ESR, AEC-Q200

PHH223HKP4360ME4 Datasheet (HTML) - Kemet Corporation


PHH223HKP4360ME4 Product details

Benefits
• 8,000 hours at +125°C
• High temperature capability up to 140°C
• Extremely high ripple current
• Up to 50 Arms, continuous load
• High vibration resistance up to 20 g 22 h/axis
• Polarized all-welded design
• Self-healing behaviours
• Outstanding electrical performance




Similar Part No. - PHH223HKP4360ME4

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHH226MKP337RQE4 KEMET-PHH226MKP337RQE4 Datasheet
1Mb / 8P
PHH227, 125°C, Hybrid Radial Crown, High CV, AEC-Q200
4/26/2022
PHH227 KEMET-PHH227 Datasheet
1Mb / 8P
PHH227, 125°C, Hybrid Radial Crown, High CV, AEC-Q200
4/26/2022
PHH227 KEMET-PHH227 Datasheet
747Kb / 9P
PHH227, 125°C, Hybrid Radial Crown, High CV, AEC-Q200
6/18/2024
PHH227HKL4250ME4 KEMET-PHH227HKL4250ME4 Datasheet
747Kb / 9P
PHH227, 125°C, Hybrid Radial Crown, High CV, AEC-Q200
6/18/2024
PHH227HKP4360ME4 KEMET-PHH227HKP4360ME4 Datasheet
747Kb / 9P
PHH227, 125°C, Hybrid Radial Crown, High CV, AEC-Q200
6/18/2024
More results


Similar Description - PHH223HKP4360ME4

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
MBH6045C TOKO-MBH6045C Datasheet
232Kb / 2P
AEC-Q200 Compliant
logo
Abracon Corporation
ABM10AIG ABRACON-ABM10AIG Datasheet
5Mb / 4P
AEC-Q200 qualified
12.09.15
logo
Taiyo Yuden (U.S.A.), I...
EMK325B7226KMHP TAIYO-YUDEN-EMK325B7226KMHP Datasheet
289Kb / 2P
AEC-Q200 qualified
LMK325BJ476MMHP TAIYO-YUDEN-LMK325BJ476MMHP Datasheet
288Kb / 2P
AEC-Q200 qualified
HMJ107AB7222MAHT TAIYO-YUDEN-HMJ107AB7222MAHT Datasheet
286Kb / 2P
AEC-Q200 qualified
logo
Kemet Corporation
PHA226MKP337RQE4 KEMET-PHA226MKP337RQE4 Datasheet
618Kb / 8P
PHA227, 125°C, Hybrid Axial, High CV, AEC-Q200
4/26/2022
A780MS107M1JLAS030 KEMET-A780MS107M1JLAS030_V01 Datasheet
2Mb / 19P
A780, 125°C, Hybrid Polymer V-Chip, AEC-Q200
1/20/2023
PHA227 KEMET-PHA227 Datasheet
1Mb / 8P
PHA227, 125°C, Hybrid Axial, High CV, AEC-Q200
4/26/2022
PHH227 KEMET-PHH227 Datasheet
1Mb / 8P
PHH227, 125°C, Hybrid Radial Crown, High CV, AEC-Q200
4/26/2022
A784MW157M1JLAV015 KEMET-A784MW157M1JLAV015 Datasheet
2Mb / 20P
Surface Mount Hybrid Aluminum Polymer Capacitors A784, 150°C, Hybrid Polymer V-Chip, AEC-Q200
12/6/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com