Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIM704H50B Datasheet (PDF) - Alpha & Omega Semiconductors

AIM704H50B Datasheet PDF - Alpha & Omega Semiconductors
Part # AIM704H50B
Download  AIM704H50B Download
File Size   885.7 Kbytes
Page   10 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Intelligent Power Module

AIM704H50B Datasheet (PDF)

Go To PDF Page Download Datasheet
AIM704H50B Datasheet PDF - Alpha & Omega Semiconductors

Part # AIM704H50B
Download  AIM704H50B Click to download

File Size   885.7 Kbytes
Page   10 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Intelligent Power Module

AIM704H50B Datasheet (HTML) - Alpha & Omega Semiconductors


AIM704H50B Product details

Features
• VDS = 600V @ TJ=150°C
• RDS(on) = 2.4Ω (Max)
• Advanced MOSFET technology (αMOS2TM) for motor drives
• Low loss and EMI
• 3-phase Inverter module including HVIC drivers
• Wide input interface (3-18V), Schmitt trigger receiver circuit
(Active High)
• Built-in bootstrap diodes with integrated current-limiting resistor
• Control supply under-voltage lockout protection (UVLO)
• Over-temperature (OT) protection and temperature monitoring
(VOT) - pin open
• Temperature monitoring only

Applications
• AC 100~240Vrms class low power motor drives
• Fan motors




Similar Part No. - AIM704H50B

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AIM702S60V1 AOSMD-AIM702S60V1 Datasheet
795Kb / 11P
Intelligent Power Module
Rev.1.1 February 2024
AIM703S60C1 AOSMD-AIM703S60C1 Datasheet
812Kb / 11P
Intelligent Power Module
Rev.1.0 July 2021
More results


Similar Description - AIM704H50B

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
6MBP150RA-060 FUJI-6MBP150RA-060 Datasheet
365Kb / 7P
Intelligent Power Module
7MBP100RA-060 FUJI-7MBP100RA-060 Datasheet
430Kb / 9P
Intelligent Power Module
7MBP150RA-060 FUJI-7MBP150RA-060 Datasheet
430Kb / 9P
Intelligent Power Module
7MBP50RA-060 FUJI-7MBP50RA-060 Datasheet
440Kb / 9P
Intelligent Power Module
7MBP75RA-060 FUJI-7MBP75RA-060 Datasheet
705Kb / 9P
Intelligent Power Module
logo
Mitsubishi Electric Sem...
PS51277-A MITSUBISHI-PS51277-A Datasheet
55Kb / 6P
Intelligent Power Intelligent Power Module
logo
Toshiba Semiconductor
TLP104 TOSHIBA-TLP104 Datasheet
592Kb / 13P
IPM (Intelligent Power Module)
16-Oct-2015
logo
ON Semiconductor
STK5Q4U340J-E ONSEMI-STK5Q4U340J-E Datasheet
683Kb / 15P
Intelligent Power Module (IPM)
October 2016 - Rev. P3
STK554U392C-E ONSEMI-STK554U392C-E Datasheet
454Kb / 14P
Intelligent Power Module (IPM)
June, 2019 - Rev. 1
logo
Alpha & Omega Semicondu...
AIM703S60C1 AOSMD-AIM703S60C1 Datasheet
812Kb / 11P
Intelligent Power Module
Rev.1.0 July 2021
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com