Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM5109 Datasheet (PDF) - Excelliance MOS Corp.

EM5109 Datasheet PDF - Excelliance MOS Corp.
Part # EM5109
Download  EM5109 Download
File Size   785.26 Kbytes
Page   10 Pages
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.
Description 3A Low Dropout LDO

EM5109 Datasheet (PDF)

Go To PDF Page Download Datasheet
EM5109 Datasheet PDF - Excelliance MOS Corp.

Part # EM5109
Download  EM5109 Click to download

File Size   785.26 Kbytes
Page   10 Pages
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.
Description 3A Low Dropout LDO

EM5109 Datasheet (HTML) - Excelliance MOS Corp.


EM5109 Product details

General Description
EM5109 is a 3A low dropout linear regulator
designed for low dropout and high current applications.
This device works with dual supplies, a control input for
the control circuitry and a power input as low as 1.05V
for providing current to output. It features 3A output
current and ultra-low-drop output voltage as well as full
protection functions. VOUT can be as low as 0.8V. The
other features include soft start, current limit protection,
Power-On-Reset function, and over temperature
protection. The EM5109 is available in PSOP-8 and
DFN3X3 package.

Features
 VIN Range 1.05V to 5.5V
 VOUT is Adjustable (0.8V Min)
 Excellent Line Regulation
 Excellent Load Regulation
 3A Guaranteed Output Current
 310mV @ 3A Dropout Voltage
 Internal Fixed 1.8V,2.5V Output
 Enable & Power good Signal
 Current Limit Protection
 Over Temperature Protection

Applications
 Notebook & Netbook
 Graphic Cards & MB
 Low Voltage Logic Supplies
 Chipset Supplies
 Server System
 SMPS Post Regulators




Similar Part No. - EM5109

ManufacturerPart #DatasheetDescription
logo
Excelliance MOS Corp.
EM5102 EXCELLIANCE-EM5102 Datasheet
348Kb / 9P
2A Low Dropout LDO
logo
Cystech Electonics Corp...
EM5102AQP CYSTEKEC-EM5102AQP Datasheet
950Kb / 12P
2A Low Dropout LDO
logo
Excelliance MOS Corp.
EM5102GE EXCELLIANCE-EM5102GE Datasheet
348Kb / 9P
2A Low Dropout LDO
logo
Cystech Electonics Corp...
EM5103 CYSTEKEC-EM5103 Datasheet
756Kb / 12P
3A Low Dropout LDO
logo
Excelliance MOS Corp.
EM5103 EXCELLIANCE-EM5103 Datasheet
331Kb / 10P
3A Low Dropout LDO
More results


Similar Description - EM5109

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L1085-3.3 ETC1-L1085-3.3 Datasheet
85Kb / 8P
3A Fixed Low Dropout Linear Regulator (LDO)
logo
Avic Technology
AV1085 AVICTEK-AV1085 Datasheet
108Kb / 7P
3A Adjustable Low Dropout Linear Regulator (LDO)
logo
List of Unclassifed Man...
L1085 ETC-L1085 Datasheet
78Kb / 7P
3A Adjustable Low Dropout Linear Regulator (LDO)
logo
Cystech Electonics Corp...
EM5103 CYSTEKEC-EM5103 Datasheet
756Kb / 12P
3A Low Dropout LDO
EM5103NA CYSTEKEC-EM5103NA Datasheet
756Kb / 12P
3A Low Dropout LDO
EM5103QP CYSTEKEC-EM5103QP Datasheet
756Kb / 12P
3A Low Dropout LDO
logo
NIKO SEMICONDUCTOR CO.,...
L1085XG NIKOSEM-L1085XG Datasheet
137Kb / 8P
3A Adjustable Low Dropout Linear Regulator (LDO)
logo
Excelliance MOS Corp.
EM5103 EXCELLIANCE-EM5103 Datasheet
331Kb / 10P
3A Low Dropout LDO
EM5106 EXCELLIANCE-EM5106 Datasheet
396Kb / 10P
3A Low Dropout LDO
EM5107 EXCELLIANCE-EM5107 Datasheet
1Mb / 10P
3A Low Dropout LDO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com