Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMP19K03HPCS Datasheet (PDF) - Excelliance MOS Corp.

EMP19K03HPCS Datasheet PDF - Excelliance MOS Corp.
Part # EMP19K03HPCS
Download  EMP19K03HPCS Download
File Size   1015.58 Kbytes
Page   10 Pages
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.
Description N-Channel Logic Level Enhancement Mode Field Effect Transistor

EMP19K03HPCS Datasheet (PDF)

Go To PDF Page Download Datasheet
EMP19K03HPCS Datasheet PDF - Excelliance MOS Corp.

Part # EMP19K03HPCS
Download  EMP19K03HPCS Click to download

File Size   1015.58 Kbytes
Page   10 Pages
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.
Description N-Channel Logic Level Enhancement Mode Field Effect Transistor

EMP19K03HPCS Datasheet (HTML) - Excelliance MOS Corp.


EMP19K03HPCS Product details

Product Summary:
N-CH-Q1 N-CH-Q2
BVDSS 30V 30V
RDSON (MAX.) 5.7mΩ 2.2mΩ
ID 48A 90A
N Channel MOSFET
UIS, Rg 100% Tested
Pb-Free Lead Plating & Halogen Free




Similar Part No. - EMP19K03HPCS

ManufacturerPart #DatasheetDescription
logo
Excelliance MOS Corp.
EMP19K03HPC EXCELLIANCE-EMP19K03HPC Datasheet
760Kb / 10P
Dual N-Channel Logic Level Enhancement Mode Field Effect Transistor
2020/8/12
More results


Similar Description - EMP19K03HPCS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BSS100 FAIRCHILD-BSS100 Datasheet
284Kb / 10P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
FDD603AL FAIRCHILD-FDD603AL Datasheet
237Kb / 8P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
BSS123 FAIRCHILD-BSS123 Datasheet
145Kb / 5P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SDU30N03L SAMHOP-SDU30N03L Datasheet
34Kb / 5P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
List of Unclassifed Man...
P7502CMG ETC2-P7502CMG Datasheet
284Kb / 5P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
P1402CDG ETC2-P1402CDG Datasheet
265Kb / 5P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
P75N02LSG ETC2-P75N02LSG Datasheet
112Kb / 3P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
P5506BVG ETC2-P5506BVG Datasheet
292Kb / 5P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
P3057LCG ETC2-P3057LCG Datasheet
206Kb / 4P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
KDB6030L KEXIN-KDB6030L Datasheet
58Kb / 2P
N-Channel Logic Level Enhancement Mode Field Effect Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com