Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDD01L-12N Datasheet (PDF) - Mean Well Enterprises Co., Ltd.

MDD01L-12N Datasheet PDF - Mean Well Enterprises Co., Ltd.
Part # MDD01L-12N
Download  MDD01L-12N Download
File Size   220.93 Kbytes
Page   5 Pages
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.
Description 1W SIP Package DC-DC Medical Grade Unregulated Converter

MDD01L-12N Datasheet (PDF)

Go To PDF Page Download Datasheet
MDD01L-12N Datasheet PDF - Mean Well Enterprises Co., Ltd.

Part # MDD01L-12N
Download  MDD01L-12N Click to download

File Size   220.93 Kbytes
Page   5 Pages
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.
Description 1W SIP Package DC-DC Medical Grade Unregulated Converter

MDD01L-12N Datasheet (HTML) - Mean Well Enterprises Co., Ltd.


MDD01L-12N Product details

Features
SIP7 package with international standard pinout
Operating temperature range -40 ~ +95°C
Comply with IEC/UL62368-1 (Expect for 15V0/215Vo)
and LVD IEC60601-1
Medical safety approved (1xMOPP/2xMOOP) according to
IEC60601-1
Low patient leakage current <2uA
Protections: Short circuit (Continuous)
6KVDC hight I/O isolation (Reinforced insulation)
Low cost
3 years warranty




Similar Part No. - MDD01L-12N

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
MDD01L-12 MEANWELL-MDD01L-12 Datasheet
96Kb / 5P
1W SIP Package DC-DC Medical Grade Unregulated Converter
More results


Similar Description - MDD01L-12N

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PB01S DELTA-PB01S Datasheet
211Kb / 5P
1W DC/DC CONVERTER, SIP-Package
logo
List of Unclassifed Man...
PB01D2415B ETC2-PB01D2415B Datasheet
211Kb / 5P
1W DC/DC CONVERTER, SIP-Package
logo
Minmax Technology Co., ...
MA01 MINMAX-MA01_16 Datasheet
656Kb / 4P
DC/DC CONVERTER 1W, SIP-Package
MAU100 MINMAX-MAU100_16 Datasheet
579Kb / 4P
DC/DC CONVERTER 1W, SIP-Package
MBU100 MINMAX-MBU100_16 Datasheet
436Kb / 4P
DC/DC CONVERTER 1W, SIP-Package
logo
Delta Electronics, Inc.
PB01S0509A DELTA-PB01S0509A Datasheet
211Kb / 5P
1W DC/DC CONVERTER, SIP-Package
PB01S2403A DELTA-PB01S2403A Datasheet
211Kb / 5P
1W DC/DC CONVERTER, SIP-Package
logo
Mean Well Enterprises C...
SPU01 MEANWELL-SPU01 Datasheet
105Kb / 4P
1W SIP Package DC-DC Unregulated Converter
MDS01 MEANWELL-MDS01 Datasheet
96Kb / 5P
1W SIP Package DC-DC Medical Grade Unregulated Converter
MDS02 MEANWELL-MDS02 Datasheet
95Kb / 5P
2W SIP Package DC-DC Medical Grade Unregulated Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com