Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA1074 Datasheet (PDF) - NXP Semiconductors

TDA1074 Datasheet PDF - NXP Semiconductors
Part # TDA1074
Download  TDA1074 Download
File Size   167.71 Kbytes
Page   15 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Dual tandem electronic potentiometer circuit

TDA1074 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA1074 Datasheet PDF - NXP Semiconductors

Part # TDA1074
Download  TDA1074 Click to download

File Size   167.71 Kbytes
Page   15 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Dual tandem electronic potentiometer circuit

TDA1074 Datasheet (HTML) - NXP Semiconductors


TDA1074 Product details

GENERAL DESCRIPTION
The TDA1074A is a monolithic integrated circuit designed for use as volume and tone control circuit in stereo amplifiers. This dual tandem potentiometer IC consists of two ganged pairs of electronic potentiometers with the eight inputs connected via impedance converters, and the four outputs driving individual operational amplifiers. The setting of each electronic potentiometer pair is controlled by an individual d.c. control voltage. The potentiometers operate by current division between the arms of cross-coupled long-tailed pairs. The current division factor is determined by the level and polarity of the d.c. control voltage with respect to an externally available reference level of half the supply voltage. Since the electronic potentiometers are adjusted by a d.c. control voltage, each pair can be controlled by single linear potentiometers which can be located in any position dictated by the equipment styling. Since the input feedback impedances around the operational amplifier gain blocks are external, the TDA1074A can perform bass/treble and volume/loudness control. It also can be used as a low-level fader to control the sound distribution between the front and rear loudspeakers in car radio installations.

Features
• High impedance inputs to both ‘ends’ of each electronic potentiometer
• Ganged potentiometers track within 0,5 dB
• Electronic rejection of supply ripple
• Internally generated reference level available externally so that the control voltage can be made to swing positively
   and negatively around a well-defined 0 V level
• The operational amplifiers have push-pull outputs for wide voltage swing and low current consumption
• The operational amplifier outputs are current limited to provide output short-circuit protection
• Although designed to operate from a 20 V supply (giving a maximum input and output signal level of 6 V), the
   TDA1074A can work from a supply as low as 7,5 V with reduced input and output signal levels.




Similar Part No. - TDA1074

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1072A PHILIPS-TDA1072A Datasheet
647Kb / 20P
AM receiver circuit
May 1984
logo
TEMIC Semiconductors
TDA1072A TEMIC-TDA1072A Datasheet
253Kb / 8P
AM Receiver Circuit
logo
NXP Semiconductors
TDA1072AT PHILIPS-TDA1072AT Datasheet
256Kb / 21P
AM receiver circuit
March 1989
More results


Similar Description - TDA1074

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7072 NTE-NTE7072 Datasheet
22Kb / 3P
Integrated Circuit Dual DC Controlled Potentiometer Circuit
logo
Rohm
BU9831 ROHM-BU9831 Datasheet
149Kb / 13P
Non-volatile electronic potentiometer
logo
STMicroelectronics
AN1280 STMICROELECTRONICS-AN1280 Datasheet
86Kb / 8P
ELECTRONIC CIRCUIT BREAKER
May-2000
logo
Texas Instruments
TPL8002-25 TI-TPL8002-25 Datasheet
144Kb / 10P
TANDEM 64-TAP DIGITAL POTENTIOMETER
logo
Thinki Semiconductor Co...
U20C20D THINKISEMI-U20C20D Datasheet
605Kb / 2P
Dual Doubler Tandem Ultra Fast Recovery Diodes
logo
Texas Instruments
TPL8002-25 TI-TPL8002-25_15 Datasheet
496Kb / 13P
TANDEM 64-TAP DIGITAL POTENTIOMETER
logo
Recom International Pow...
REPOT1-10 RECOM-REPOT1-10 Datasheet
389Kb / 3P
Electronic Potentiometer
logo
Analog Devices
LTC4249 AD-LTC4249 Datasheet
1Mb / 22P
65V Dual Electronic Circuit Breaker with Current Monitors
logo
PHOENIX CONTACT
102898 PHOENIX-102898 Datasheet
846Kb / 10P
Electronic circuit breaker
2010-12-17
103057 PHOENIX-103057 Datasheet
881Kb / 10P
Electronic circuit breaker
2010-12-17
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com