Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2014 Datasheet (PDF) - Maxim Integrated Products

MAX2014 Datasheet PDF - Maxim Integrated Products
Part # MAX2014
Download  MAX2014 Download
File Size   277.88 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 50MHz to 1000MHz, 75dB Logarithmic Detector/Controller

MAX2014 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX2014 Datasheet PDF - Maxim Integrated Products

Part # MAX2014
Download  MAX2014 Click to download

File Size   277.88 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 50MHz to 1000MHz, 75dB Logarithmic Detector/Controller

MAX2014 Datasheet (HTML) - Maxim Integrated Products


MAX2014 Product details

General Description
The MAX2014 complete multistage logarithmic amplifier is designed to accurately convert radio-frequency (RF) signal power in the 50MHz to 1000MHz frequency range to an equivalent DC voltage. The outstanding dynamic range and precision over temperature of this log amplifier make it particularly useful for a variety of base-station and other wireless applications, including automatic gain control (AGC), transmitter power measurements, and received signal-strength indication (RSSI) for terminal devices.

Features
♦ Complete RF Detector/Controller
♦ 50MHz to 1000MHz Frequency Range
♦ Exceptional Accuracy Over Temperature
♦ High Dynamic Range
♦ 2.7V to 5.25V Supply Voltage Range*
♦ Scaling Stable Over Supply and Temperature Variations
♦ Controller Mode with Error Output
♦ Shutdown Mode with Typically 1µA of Supply Current
♦ Available in 8-Pin TDFN and 8-pin µMAX® Package

Applications
    AGC Measurement and Control
    RF Transmitter Power Measurement
    RSSI Measurements
    Cellular Base-Station, WLAN, Microwave Link, Radar, and other Military Applications
    Optical Networks




Similar Part No. - MAX2014

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2014 MAXIM-MAX2014 Datasheet
304Kb / 12P
50MHz to 1000MHz, 75dB Logarithmic Detector/Controller
Rev 1; 2/12
MAX2014ETA+ MAXIM-MAX2014ETA+ Datasheet
304Kb / 12P
50MHz to 1000MHz, 75dB Logarithmic Detector/Controller
Rev 1; 2/12
MAX2014ETA+T MAXIM-MAX2014ETA+T Datasheet
304Kb / 12P
50MHz to 1000MHz, 75dB Logarithmic Detector/Controller
Rev 1; 2/12
MAX2014EUA+ MAXIM-MAX2014EUA+ Datasheet
304Kb / 12P
50MHz to 1000MHz, 75dB Logarithmic Detector/Controller
Rev 1; 2/12
MAX2014EUA+T MAXIM-MAX2014EUA+T Datasheet
304Kb / 12P
50MHz to 1000MHz, 75dB Logarithmic Detector/Controller
Rev 1; 2/12
More results


Similar Description - MAX2014

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2015 MAXIM-MAX2015 Datasheet
628Kb / 10P
0.1GHz to 2.5GHz, 75dB Logarithmic Detector/Controller
19-2998; Rev 1; 12/03
logo
Zarlink Semiconductor I...
SL3522 ZARLINK-SL3522 Datasheet
934Kb / 21P
500MHz 75dB Logarithmic/Limiting Amplifier
logo
Maxim Integrated Produc...
MAX2015 MAXIM-MAX2015_07 Datasheet
587Kb / 13P
0.1GHz to 3GHz, 75dB Logarithmic Detector/Controller
Rev 2; 2/07
MAX2014_V1 MAXIM-MAX2014_V1 Datasheet
304Kb / 12P
50MHz to 1000MHz, 75dB Logarithmic Detector/Controller
Rev 1; 2/12
logo
Analog Devices
AD8318 AD-AD8318_17 Datasheet
2Mb / 24P
Logarithmic Detector/Controller
Dec-2017
ADL5513 AD-ADL5513_17 Datasheet
1Mb / 25P
Logarithmic Detector/Controller
8/2017-Rev. 0 to Rev. A
HMC600LP4 AD-HMC600LP4 Datasheet
503Kb / 8P
LOGARITHMIC DETECTOR / CONTROLLER
HMC611LP4 AD-HMC611LP4 Datasheet
716Kb / 12P
LOGARITHMIC DETECTOR / CONTROLLER
HMC612LP4 AD-HMC612LP4 Datasheet
694Kb / 10P
LOGARITHMIC DETECTOR / CONTROLLER
HMC713MS8 AD-HMC713MS8 Datasheet
939Kb / 10P
LOGARITHMIC DETECTOR / CONTROLLER
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com