Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9438 Datasheet (PDF) - Alpha Wire

9438 Datasheet PDF - Alpha Wire
Part # 9438
Download  9438 Download
File Size   405.01 Kbytes
Page   3 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description 38 (7/46) AWG Tinned Copper Alloy

9438 Datasheet (PDF)

Go To PDF Page Download Datasheet
9438 Datasheet PDF - Alpha Wire

Part # 9438
Download  9438 Click to download

File Size   405.01 Kbytes
Page   3 Pages
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire
Description 38 (7/46) AWG Tinned Copper Alloy

9438 Datasheet (HTML) - Alpha Wire




Similar Part No. - 9438

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9438 ETC2-9438 Datasheet
92Kb / 2P
Tinned copper conductor. Black high-density polyethylene insulation
logo
Keystone Electronics Co...
9438 KEYSTONE-9438 Datasheet
130Kb / 1P
MACHINE SCREW PAN PHILLIPS 10-32
logo
Belden Inc.
943865001 BELDEN-943865001 Datasheet
275Kb / 2P
SFP Fiberoptic Fast-Ethernet Transceiver MM
04-17-2024
943866001 BELDEN-943866001 Datasheet
246Kb / 2P
SFP TX Fast Ethernet Transceiver, 100 Mbit/s full duplex auto neg
942098001
943867001 BELDEN-943867001 Datasheet
275Kb / 2P
SFP Fiberoptic Fast-Ethernet Transceiver SM
04-17-2024
More results


Similar Description - 9438

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-461 RHOMBUS-IND-L-461 Datasheet
15Kb / 1P
AWG Tinned Copper
9/17/02
logo
General Cable Technolog...
C9209A GENERAL-C9209A Datasheet
69Kb / 1P
#22 AWG 7/30 Tinned Copper
logo
List of Unclassifed Man...
3105A ETC2-3105A Datasheet
100Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1344817 ETC2-1344817 Datasheet
97Kb / 2P
18 AWG stranded (7x26) tinned copper conductors
1345997 ETC2-1345997 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1346239 ETC2-1346239 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1804A ETC2-1804A Datasheet
36Kb / 3P
28 AWG stranded (19x40) high-conductivity silver plated copper alloy conductors, polypropylene insulation, tinned copper braid shield
logo
Belden Inc.
123109A BELDEN-123109A Datasheet
84Kb / 2P
FOUR 22 AWG (7 X 30) TINNED COPPER FOAM HIGH DENSITY POLYETHYLENE
133105A BELDEN-133105A Datasheet
83Kb / 2P
ONE 22 AWG (7 X 30) TINNED COPPER FOAM HIGH DENSITY POLYETHYLENE
133108A BELDEN-133108A Datasheet
36Kb / 1P
THREE 22 AWG (7 X 30) TINNED COPPER FOAM HIGH DENSITY POLYETHYLENE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com