Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3955A Datasheet (PDF) - Vishay Siliconix

2N3955A Datasheet PDF - Vishay Siliconix
Part # 2N3955A
Download  2N3955A Download
File Size   85.64 Kbytes
Page   1 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description monolithic dual n-channel JFETs designed for

2N3955A Datasheet (PDF)

Go To PDF Page Download Datasheet
2N3955A Datasheet PDF - Vishay Siliconix

Part # 2N3955A
Download  2N3955A Click to download

File Size   85.64 Kbytes
Page   1 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description monolithic dual n-channel JFETs designed for

2N3955A Datasheet (HTML) - Vishay Siliconix


2N3955A Product details

• Low and Medium Frequency Differential Amplifiers
• High Input Impedance Amplifiers .

BENEFITS
• High Accuracy & Stability
Offset Less Than 5 mV (2N3954, 54A)
Drift Less Than 5 fJ.VrC (2N3954A)
• Wide Dynamic Range
I G Specified @ V DS = 20 V
• Low Capacitance
Ciss <4 pF




Similar Part No. - 2N3955A

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
2N3955 INTERFET-2N3955 Datasheet
67Kb / 1P
N-Channel Dual Silicon Junction Field-Effect Transistor
logo
Intersil Corporation
2N3955 INTERSIL-2N3955 Datasheet
4Mb / 122P
P-CHANNEL JFET
logo
Micross Components
2N3955 MICROSS-2N3955 Datasheet
283Kb / 1P
a Low Noise, Low Drift, Monolithic Dual N-Channel JFET
2N3955_SOIC MICROSS-2N3955_SOIC Datasheet
283Kb / 1P
a Low Noise, Low Drift, Monolithic Dual N-Channel JFET
2N3955_TO-71 MICROSS-2N3955_TO-71 Datasheet
295Kb / 1P
a Low Noise, Low Drift, Monolithic Dual N-Channel JFET
More results


Similar Description - 2N3955A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
J105 VISHAY-J105 Datasheet
39Kb / 5P
N-Channel JFETs
04-Jun-01
2N5432 VISHAY-2N5432 Datasheet
44Kb / 5P
N-Channel JFETs
04-Jun-01
2N4416 VISHAY-2N4416 Datasheet
103Kb / 7P
N-Channel JFETs
24-Jan-05
2N4338 VISHAY-2N4338 Datasheet
56Kb / 6P
N-Channel JFETs
04-Jun-01
2N5484 VISHAY-2N5484_07 Datasheet
108Kb / 8P
N-Channel JFETs
24-Jan-05
2N5432 VISHAY-2N5432_07 Datasheet
74Kb / 6P
N-Channel JFETs
04-Jun-01
logo
New Jersey Semi-Conduct...
2N5196 NJSEMI-2N5196 Datasheet
169Kb / 1P
MONOLITHIC DUAL N-CHANNEL JFETS
logo
Vishay Siliconix
J107-E3 VISHAY-J107-E3 Datasheet
64Kb / 6P
N-Channel JFETs
04-Jun-01
SST4416-E3 VISHAY-SST4416-E3 Datasheet
57Kb / 7P
N-Channel JFETs
04-Jun-01
SST4117A VISHAY-SST4117A Datasheet
74Kb / 6P
N-Channel JFETs
28-Jun-04
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com