Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV521MG/NOPB Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
LPV521MG/NOPB Datasheet PDF - Texas Instruments
Part # LPV521MG/NOPB
Download  LPV521MG/NOPB Download
File Size   2000.43 Kbytes
Page   36 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description LPV521 NanoPower, 1.8V, RRIO, CMOS Input, Operational Amplifier

LPV521MG/NOPB Datasheet (PDF)

Go To PDF Page Download Datasheet
LPV521MG/NOPB Datasheet PDF - Texas Instruments

Part # LPV521MG/NOPB
Download  LPV521MG/NOPB Click to download

File Size   2000.43 Kbytes
Page   36 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description LPV521 NanoPower, 1.8V, RRIO, CMOS Input, Operational Amplifier

LPV521MG/NOPB Datasheet (HTML) - Texas Instruments


LPV521MG/NOPB Product details

1 Features
• For VS = 5V, typical unless otherwise noted:
– Supply current at VCM = 0.3V: 400nA (max)
– Operating voltage range: 1.6V to 5.5V
– Low TCVOS: 3.5μV/°C (max)
– VOS: 1mV (max)
– Input bias current: 40fA
– PSRR: 109dB
– CMRR: 102dB
– Open-loop gain: 132dB
– Gain bandwidth product: 6.2kHz
– Slew rate: 2.4V/ms
– Input voltage noise at f = 100Hz: 255nV/√Hz
– Temperature range: −40°C to +125°C

2 Applications
• Wireless environmental sensors
• Grid asset monitoring
• Electricity meter
• Smoke and heat detector
• Gas detector
• Portable electronics
• Thermostat
• Field transmitter and sensor

3 Description
The LPV521 is a single, nanopower, 552nW amplifier
designed for ultra-long-life battery applications. The
operating voltage range of 1.6V to 5.5V coupled with
typically 351nA of supply current make this device
an excellent choice for RFID readers and remotesensor
nanopower applications. The device has an
input common-mode voltage 0.1V over the rails,
specified TCVOS, and voltage-swing-to-the-rail output
performance. The LPV521 has a carefully designed
CMOS input stage that outperforms competitors with
typically 40fA IBIAS currents. This low input current
significantly reduces IBIAS and IOS errors introduced in
megohm resistance, high-impedance photodiode and
charge sense applications. The LPV521 is a member
of the PowerWise® family, and has an exceptional
power-to-performance ratio.
The wide input common-mode voltage range,
specified 1mV VOS and 3.5μV/°C TCVOS enables
accurate and stable measurement for both high-side
and low-side current sensing.
EMI protection is designed into the device to reduce
sensitivity to unwanted RF signals from cell phones or
other RFID readers.
The LPV521 is offered in 5-pin SC70 and 8-pin PDIP
packages.




Similar Part No. - LPV521MG/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LPV521MG/NOPB TI1-LPV521MG/NOPB Datasheet
1Mb / 34P
NanoPower, 1.8-V, RRIO, CMOS Input, Operational Amplifier
More results


Similar Description - LPV521MG/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV931 NSC-LMV931 Datasheet
625Kb / 19P
1.8V, RRIO Operational Amplifiers
LPV521 NSC-LPV521 Datasheet
1Mb / 22P
Nanopower, 1.8V, RRIO, CMOS Input, Operational Amplifier
logo
Texas Instruments
LPV521MGX TI-LPV521MGX Datasheet
1Mb / 29P
LPV521 Nanopower, 1.8V, RRIO, CMOS Input, Operational Amplifier
LPV542 TI-LPV542 Datasheet
1Mb / 29P
LPV542 Dual Nanopower 1.8 V, 490nA, RRIO CMOS Operational Amplifier
LPV521 TI-LPV521_15 Datasheet
1Mb / 33P
LPV521 NanoPower, 1.8-V, RRIO, CMOS Input, Operational Amplifier
LPV521 TI1-LPV521 Datasheet
1Mb / 33P
RRIO, CMOS Input, Operational Amplifier
LPV542 TI1-LPV542 Datasheet
1Mb / 29P
RRIO CMOS Operational Amplifier
LPV521 TI1-LPV521_16 Datasheet
1Mb / 34P
NanoPower, 1.8-V, RRIO, CMOS Input, Operational Amplifier
TLV522 TI1-TLV522 Datasheet
1Mb / 22P
TLV522 Dual Nanopower, 500nA, RRIO CMOS Operational Amplifier
TLV521 TI1-TLV521 Datasheet
1Mb / 27P
TLV521 NanoPower, 350nA, RRIO, CMOS Input, Operational Amplifier
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com